Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AD9516-5PCBZ Datasheet(PDF) 72 Page - Analog Devices

Part # AD9516-5PCBZ
Description  14-Output Clock Generator
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9516-5PCBZ Datasheet(HTML) 72 Page - Analog Devices

Back Button AD9516-5PCBZ Datasheet HTML 68Page - Analog Devices AD9516-5PCBZ Datasheet HTML 69Page - Analog Devices AD9516-5PCBZ Datasheet HTML 70Page - Analog Devices AD9516-5PCBZ Datasheet HTML 71Page - Analog Devices AD9516-5PCBZ Datasheet HTML 72Page - Analog Devices AD9516-5PCBZ Datasheet HTML 73Page - Analog Devices AD9516-5PCBZ Datasheet HTML 74Page - Analog Devices AD9516-5PCBZ Datasheet HTML 75Page - Analog Devices AD9516-5PCBZ Datasheet HTML 76Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 72 / 76 page
background image
AD9516-5
Rev. A | Page 72 of 76
LVPECL CLOCK DISTRIBUTION
The LVPECL outputs of the AD9516 provide the lowest jitter clock
signals that are available from the AD9516. The LVPECL outputs
(because they are open emitter) require a dc termination to bias
the output transistors. The simplified equivalent circuit in
Figure 47 shows the LVPECL output stage.
In most applications, an LVPECL far-end Thevenin termination
(see Figure 59) or Y-termination (see Figure 60) is recommended.
In each case, the VS of the receiving buffer should match the
VS_LVPECL. If it does not match, ac coupling is recommended (see
Figure 61).
The resistor network is designed to match the transmission line
impedance (50 Ω) and the switching threshold (VS − 1.3 V).
VS_LVPECL
LVPECL
50Ω
50Ω
SINGLE-ENDED
(NOT COUPLED)
VS
VS_DRV
LVPECL
127Ω
127Ω
83Ω
Figure 59. DC-Coupled 3.3 V LVPECL Far-End Thevenin Termination
VS_LVPECL
LVPECL
Z0 = 50Ω
VS = 3.3V
LVPECL
50Ω
50Ω
50Ω
Z0 = 50Ω
Figure 60. DC-Coupled 3.3 V LVPECL Y-Termination
VS_LVPECL
LVPECL
100Ω DIFFERENTIAL
(COUPLED)
TRANSMISSION LINE
VS
LVPECL
100Ω
0.1nF
0.1nF
200Ω
200Ω
Figure 61. AC-Coupled LVPECL with Parallel Transmission Line
LVPECL Y-termination is an elegant termination scheme that
uses the fewest components and offers both odd- and even-mode
impedance matching. Even-mode impedance matching is an
important consideration for closely coupled transmission lines
at high frequencies. Its main drawback is that it offers limited
flexibility for varying the drive strength of the emitter-follower
LVPECL driver. This can be an important consideration when
driving long trace lengths but is usually not an issue. In the case
shown in Figure 60, where VS_LVPECL = 2.5 V, the 50 Ω termination
resistor connected to ground should be changed to 19 Ω.
Thevenin-equivalent termination uses a resistor network to provide
50 Ω termination to a dc voltage that is below VOL of the LVPECL
driver. In this case, VS_LVPECL on the AD9516 should equal VS of
the receiving buffer. Although the resistor combination shown
in Figure 60 results in a dc bias point of VS_LVPECL − 2 V, the actual
common-mode voltage is VS_LVPECL − 1.3 V because additional
current flows from the AD9516 LVPECL driver through the pull-
down resistor.
The circuit is identical when VS_LVPECL = 2.5 V, except that the
pull-down resistor is 62.5 Ω and the pull-up resistor is 250 Ω.
LVDS CLOCK DISTRIBUTION
The AD9516 provides four clock outputs (OUT6 to OUT9) that
are selectable as either CMOS or LVDS level outputs. LVDS is a
differential output option that uses a current mode output stage.
The nominal current is 3.5 mA, which yields a 350 mV output
swing across a 100 Ω resistor. An output current of 7 mA is also
available in cases where a larger output swing is required. The
LVDS output meets or exceeds all ANSI/TIA/EIA-644
specifications.
A recommended termination circuit for the LVDS outputs is
shown in Figure 62.
VS
LVDS
100Ω
DIFFERENTIAL (COUPLED)
VS
LVDS
100Ω
Figure 62. LVDS Output Termination
See the AN-586 Application Note, LVDS Data Outputs for High-
Speed Analog-to-Digital Converters for more information on LVDS.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com