Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AD9516-5PCBZ Datasheet(PDF) 55 Page - Analog Devices

Part # AD9516-5PCBZ
Description  14-Output Clock Generator
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9516-5PCBZ Datasheet(HTML) 55 Page - Analog Devices

Back Button AD9516-5PCBZ Datasheet HTML 51Page - Analog Devices AD9516-5PCBZ Datasheet HTML 52Page - Analog Devices AD9516-5PCBZ Datasheet HTML 53Page - Analog Devices AD9516-5PCBZ Datasheet HTML 54Page - Analog Devices AD9516-5PCBZ Datasheet HTML 55Page - Analog Devices AD9516-5PCBZ Datasheet HTML 56Page - Analog Devices AD9516-5PCBZ Datasheet HTML 57Page - Analog Devices AD9516-5PCBZ Datasheet HTML 58Page - Analog Devices AD9516-5PCBZ Datasheet HTML 59Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 55 / 76 page
background image
AD9516-5
Rev. A | Page 55 of 76
Reg.
Addr.
(Hex)
Bits
Name
Description
[1:0]
1
0
Antibacklash Pulse Width (ns)
0
0
2.9 (default)
0
1
1.3
1
0
6.0
Antibacklash
pulse width
1
1
2.9
0x018
[6:5]
Required consecutive number of PFD cycles with edges inside lock detect window before the DLD indicates a locked
condition.
6
5
PFD Cycles to Determine Lock
0
0
5 (default)
0
1
16
1
0
64
Lock detect
counter
1
1
255
4
If the time difference of the rising edges at the inputs to the PFD is less than the lock detect window time, the digital
lock detect flag is set. The flag remains set until the time difference is greater than the loss-of-lock threshold.
0: high range (default).
Digital lock
detect window
1: low range.
3
Digital lock detect operation.
0: normal lock detect operation (default).
Disable digital
lock detect
1: disables lock detect.
0x019
[7:6]
7
6
Action
0
0
Does nothing on SYNC (default)
0
1
Asynchronous reset
1
0
Synchronous reset
R, A, B counters
SYNC pin reset
1
1
Does nothing on SYNC
[5:3]
R path delay
R path delay (default = 0x0); see Table 2.
[2:0]
N path delay
N path delay (default = 0x0); see Table 2.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com