Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AD9516-5PCBZ Datasheet(PDF) 34 Page - Analog Devices

Part # AD9516-5PCBZ
Description  14-Output Clock Generator
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9516-5PCBZ Datasheet(HTML) 34 Page - Analog Devices

Back Button AD9516-5PCBZ Datasheet HTML 30Page - Analog Devices AD9516-5PCBZ Datasheet HTML 31Page - Analog Devices AD9516-5PCBZ Datasheet HTML 32Page - Analog Devices AD9516-5PCBZ Datasheet HTML 33Page - Analog Devices AD9516-5PCBZ Datasheet HTML 34Page - Analog Devices AD9516-5PCBZ Datasheet HTML 35Page - Analog Devices AD9516-5PCBZ Datasheet HTML 36Page - Analog Devices AD9516-5PCBZ Datasheet HTML 37Page - Analog Devices AD9516-5PCBZ Datasheet HTML 38Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 76 page
background image
AD9516-5
Rev. A | Page 34 of 76
The following registers affect the internal/automatic holdover
function:
•
Register 0x018[3] = 0b; DLD normal operation.
•
Register 0x01A[5:0] = 000100b; current source lock detect
mode.
•
Register 0x018[6:5], lock detect counter. These bits change
how many PFD cycles with edges inside the lock detect
window are required for the DLD indicator to indicate lock.
This impacts the time required before the LD pin can begin
to charge, as well as the delay from the end of a holdover
event until the holdover function can be reengaged.
•
Register 0x01B[7:0] = 0xF7; set REFMON pin to status of
REF1 (active low).
•
Register 0x01C[2:1] = 11b; enable REF1 and REF2 input
buffers.
•
Register 0x01D[3] = 1b; enable LD pin comparator.
•
Register 0x01D[2] = 1b; enable holdover function.
•
Register 0x018[3], disable digital lock detect. This bit must
be set to 0b to enable the DLD circuit. Internal/automatic
holdover does not operate correctly without the DLD function
enabled.
•
Register 0x01D[1] = 0b; use internal/automatic holdover
mode.
•
Register 0x01D[0] = 1b; enable holdover function
(complete VCO calibration before enabling this bit).
•
Register 0x01A[5:0], lock detect pin output select. Set this
to 000100b to put it in the current source lock detect mode
if using the LD pin comparator. Load the LD pin with a
capacitor of an appropriate value.
•
Register 0x232 = 0x01; update all registers.
And, finally,
•
Connect REFMON pin to REFSEL pin.
•
Register 0x01D[3], LD pin comparator enable. 1b = enable;
0b = disable. When disabled, the holdover function always
senses the LD pin as high.
Frequency Status Monitors
The AD9516 contains three frequency status monitors that are
used to indicate if the PLL reference (or references, in the case
of single-ended mode) and the VCO have fallen below a threshold
frequency. Figure 42 is a diagram that shows their location in
the PLL.
•
Register 0x01D[1], external holdover control.
•
Register 0x01D[0] and Register 0x01D[2], holdover enable.
If holdover is disabled, both external and automatic/internal
holdover are disabled.
For example, to use automatic holdover with the following:
The PLL reference frequency monitors have two threshold
frequencies: normal and extended (see Table 12). The reference
frequency monitor thresholds are selected in Register 0x01B[7:5].
The reference frequency monitor status can be found in
Register 0x01F[3:1].
•
Digital lock detect: five PFD cycles, high range window
•
Automatic holdover using the LD pin comparator
Set the following registers (in addition to the normal PLL registers):
•
Register 0x018[6:5] = 00b; lock detect counter = five cycles.
•
Register 0x018[4] = 0b; lock detect window = high range.
PROGRAMMABLE
N DELAY
REFIN (REF1)
REFIN (REF2)
CLK
CLK
REF1
REF2
STATUS
STATUS
R
DIVIDER
PROGRAMMABLE
R DELAY
REFERENCE
SWITCHOVER
REF_SEL
CPRSET VCP
VS
GND
RSET
DISTRIBUTION
REFERENCE
REFMON
CP
STATUS
LD
P, P + 1
PRESCALER
A/B
COUNTERS
N DIVIDER
PHASE
FREQUENCY
DETECTOR
LOCK
DETECT
CHARGE
PUMP
HOLD
0
1
0
1
DIVIDE BY
2, 3, 4, 5, OR 6
CLK FREQUENCY
STATUS
Figure 42. Reference and CLK Status Monitors



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com