Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AD9516-5PCBZ Datasheet(PDF) 59 Page - Analog Devices

Part # AD9516-5PCBZ
Description  14-Output Clock Generator
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9516-5PCBZ Datasheet(HTML) 59 Page - Analog Devices

Back Button AD9516-5PCBZ Datasheet HTML 55Page - Analog Devices AD9516-5PCBZ Datasheet HTML 56Page - Analog Devices AD9516-5PCBZ Datasheet HTML 57Page - Analog Devices AD9516-5PCBZ Datasheet HTML 58Page - Analog Devices AD9516-5PCBZ Datasheet HTML 59Page - Analog Devices AD9516-5PCBZ Datasheet HTML 60Page - Analog Devices AD9516-5PCBZ Datasheet HTML 61Page - Analog Devices AD9516-5PCBZ Datasheet HTML 62Page - Analog Devices AD9516-5PCBZ Datasheet HTML 63Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 59 / 76 page
background image
AD9516-5
Rev. A | Page 59 of 76
Table 50. Fine Delay Adjust—OUT6 to OUT9
B
Reg.
Addr.
(Hex)
its
Name
Description
0x0A0
0
Bypasses or uses the delay function.
0: uses the delay function.
OUT6 delay
bypass
1: bypasses the delay function (default).
0x0A1
[5:3]
OUT6 ramp
capacitors
Selects the number of ramp capacitors used by the delay function. The combination of the number of
capacitors and the ramp current sets the full-scale delay.
5
4
3
Number of Capacitors
0
0
0
4 (default)
0
0
1
3
0
1
0
3
0
1
1
2
1
0
0
3
1
0
1
2
1
1
0
2
1
1
1
1
[2:0]
OUT6 ramp
current
Ramp current for the delay function. The combination of the number of capacitors and the ramp current
sets the full-scale delay.
2
1
0
Current (μA)
0
0
0
200 (default)
0
0
1
400
0
1
0
600
0
1
1
800
1
0
0
1000
1
0
1
1200
1
1
0
1400
1
1
1
1600
0x0A2
[5:0]
OUT6 delay
fraction
Selects the fraction of the full-scale delay desired (6-bit binary). A setting of 000000b gives zero delay.
Only delay values of up to 47 decimals (101111b; 0x02F) are supported (default: 0x00).
0x0A3
0
Bypasses or uses the delay function.
0: uses the delay function.
OUT7 delay
bypass
1: bypasses the delay function (default).
0x0A4
[5:3]
OUT7 ramp
capacitors
Selects the number of ramp capacitors used by the delay function. The combination of the number of the
capacitors and the ramp current sets the full-scale delay.
5
4
3
Number of Capacitors
0
0
0
4 (default)
0
0
1
3
0
1
0
3
0
1
1
2
1
0
0
3
1
0
1
2
1
1
0
2
1
1
1
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com