Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

W25Q80BVCIP Datasheet(PDF) 64 Page - Winbond

Part # W25Q80BVCIP
Description  3V 128M-BIT SERIAL FLASH MEMORY WITH DUAL AND QUAD SPI
PDF  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINBOND [Winbond]
Direct Link  http://www.winbond.com
Logo WINBOND - Winbond

W25Q80BVCIP Datasheet(HTML) 64 Page - Winbond

Back Button W25Q80BVCIP Datasheet HTML 60Page - Winbond W25Q80BVCIP Datasheet HTML 61Page - Winbond W25Q80BVCIP Datasheet HTML 62Page - Winbond W25Q80BVCIP Datasheet HTML 63Page - Winbond W25Q80BVCIP Datasheet HTML 64Page - Winbond W25Q80BVCIP Datasheet HTML 65Page - Winbond W25Q80BVCIP Datasheet HTML 66Page - Winbond W25Q80BVCIP Datasheet HTML 67Page - Winbond W25Q80BVCIP Datasheet HTML 68Page - Winbond Next Button
Zoom Inzoom in Zoom Outzoom out
 64 / 74 page
background image
W25Q128BV
- 64 -
8.6
AC Electrical Characteristics
DESCRIPTION
SYMBOL
ALT
SPEC
UNIT
MIN
TYP
MAX
Clock frequency for all Single SPI, Dual Output
Instructions except Read Data (03h)
FR
fC1
D.C.
104
MHz
Clock frequency for Dual I/O & Quad SPI
Instructions
FR
fC2
D.C.
70
MHz
Clock frequency for Read Data instruction (03h)
fR
fC3
D.C.
33
MHz
Clock High, Low Time
for all Quad SPI instructions
tCLH1,
tCLL1(1)
5
ns
Clock High, Low Time
for Single/Dual instructions except Read Data (03h)
tCLH1,
tCLL1(1)
4
ns
Clock High, Low Time
for Read Data (03h) instruction
tCRLH,
tCRLL(1)
8
ns
Clock Rise Time peak to peak
tCLCH(2)
0.1
V/ns
Clock Fall Time peak to peak
tCHCL(2)
0.1
V/ns
/CS Active Setup Time relative to CLK
tSLCH
tCSS
5
ns
/CS Not Active Hold Time relative to CLK
tCHSL
5
ns
Data In Setup Time
tDVCH
tDSU
2
ns
Data In Hold Time
tCHDX
tDH
5
ns
/CS Active Hold Time relative to CLK
tCHSH
5
ns
/CS Not Active Setup Time relative to CLK
tSHCH
5
ns
/CS Deselect Time (for Array Read  Array Read)
tSHSL
tCSH
10
ns
/CS Deselect Time
tSHSL
tCSH
50
ns
Output Disable Time
tSHQZ(2)
tDIS
7
ns
Clock Low to Output Valid
tCLQV
tV
7
ns
Output Hold Time
tCLQX
tHO
0
ns
Continued
– next page



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com