Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

W25Q80BVCIP Datasheet(PDF) 71 Page - Winbond

Part # W25Q80BVCIP
Description  3V 128M-BIT SERIAL FLASH MEMORY WITH DUAL AND QUAD SPI
PDF  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINBOND [Winbond]
Direct Link  http://www.winbond.com
Logo WINBOND - Winbond

W25Q80BVCIP Datasheet(HTML) 71 Page - Winbond

Back Button W25Q80BVCIP Datasheet HTML 66Page - Winbond W25Q80BVCIP Datasheet HTML 67Page - Winbond W25Q80BVCIP Datasheet HTML 68Page - Winbond W25Q80BVCIP Datasheet HTML 69Page - Winbond W25Q80BVCIP Datasheet HTML 70Page - Winbond W25Q80BVCIP Datasheet HTML 71Page - Winbond W25Q80BVCIP Datasheet HTML 72Page - Winbond W25Q80BVCIP Datasheet HTML 73Page - Winbond W25Q80BVCIP Datasheet HTML 74Page - Winbond  
Zoom Inzoom in Zoom Outzoom out
 71 / 74 page
background image
W25Q128BV
Publication Release Date: October 03, 2013
- 71 -
Revision H
10. ORDERING INFORMATION
Notes:
1. The
“W” prefix and the Temperature designator “I” are not included on the part marking.
2. Standard bulk shipments are in Tube (shape E). Please specify alternate packing method, such as Tape and Reel (shape T) or
Tray (shape S), when placing orders.
3 .For shipments with OTP feature enabled, please specify when placing orders.
W
=
Winbond
25Q
=
SpiFlash Serial Flash Memory with 4KB sectors, Dual/Quad I/O
128B
=
128M-bit
V =
2.7V to 3.6V
F
= 16-pin SOIC 300-mil
E
=
8-pad WSON 8x6-mm
B
= 5x5-1 ball TFBGA 8x6-mm
C
=
6x4 ball TFBGA 8x6-mm
G
=
Green Package (Lead-free, RoHS Compliant, Halogen-free (TBBA), Antimony-Oxide-free Sb2O3)
P
=
Green Package with Status Register Power Lock-Down & OTP enabled
(2)
W
(1) 25Q 128B V x
I
(1)
I
=
Industrial (-40°C to +85°C)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com