Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

W25Q80BVCIP Datasheet(PDF) 73 Page - Winbond

Part # W25Q80BVCIP
Description  3V 128M-BIT SERIAL FLASH MEMORY WITH DUAL AND QUAD SPI
PDF  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINBOND [Winbond]
Direct Link  http://www.winbond.com
Logo WINBOND - Winbond

W25Q80BVCIP Datasheet(HTML) 73 Page - Winbond

Back Button W25Q80BVCIP Datasheet HTML 66Page - Winbond W25Q80BVCIP Datasheet HTML 67Page - Winbond W25Q80BVCIP Datasheet HTML 68Page - Winbond W25Q80BVCIP Datasheet HTML 69Page - Winbond W25Q80BVCIP Datasheet HTML 70Page - Winbond W25Q80BVCIP Datasheet HTML 71Page - Winbond W25Q80BVCIP Datasheet HTML 72Page - Winbond W25Q80BVCIP Datasheet HTML 73Page - Winbond W25Q80BVCIP Datasheet HTML 74Page - Winbond  
Zoom Inzoom in Zoom Outzoom out
 73 / 74 page
background image
W25Q128BV
Publication Release Date: October 03, 2013
- 73 -
Revision H
11. REVISION HISTORY
VERSION
DATE
PAGE
DESCRIPTION
A
03/26/09
All
New Create Preliminary
B
05/22/09
45, 67 & 68
Modified tSUS description
Updated Ordering Information
C
08/20/09
65 & 66
5, 58 & 62
53
Updated package diagrams
Updated maximum operation frequency
Corrected UID Waveform
D
07/08/10
68-69
5, 61, 65
50, 54
63
5, 9, 20, 55-57
5, 70
Updated package diagrams
Updated maximum operation frequency
Corrected 90h & 9Fh waveforms
Updated Icc parameters
Added SFDP feature
Added automotive temperature
E
04/01/11
8, 71-73, 22-68, 46,
56-58
Added TFBGA package
Updated diagrams
Added /WP timing diagram
Updated Suspend description
Update SFDP to JEDEC 1.0
Removed Preliminary designator
F
07/11/11
56, 57
66
Updated SFDP spec title to JESD216
Updated tCLH/tCLL
G
04/18/12
56
8, 69
60, 71-72
Referred to SFDP definition application note
Added TFBGA 5x5 Ball Array package
Updated operating temperature grades
H
03/10/13
5
60-65
Added TFBGA package
Modified DC/AC Electrical Characteristics



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com