Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

W25Q80BVCIP Datasheet(PDF) 67 Page - Winbond

Part # W25Q80BVCIP
Description  3V 128M-BIT SERIAL FLASH MEMORY WITH DUAL AND QUAD SPI
PDF  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINBOND [Winbond]
Direct Link  http://www.winbond.com
Logo WINBOND - Winbond

W25Q80BVCIP Datasheet(HTML) 67 Page - Winbond

Back Button W25Q80BVCIP Datasheet HTML 63Page - Winbond W25Q80BVCIP Datasheet HTML 64Page - Winbond W25Q80BVCIP Datasheet HTML 65Page - Winbond W25Q80BVCIP Datasheet HTML 66Page - Winbond W25Q80BVCIP Datasheet HTML 67Page - Winbond W25Q80BVCIP Datasheet HTML 68Page - Winbond W25Q80BVCIP Datasheet HTML 69Page - Winbond W25Q80BVCIP Datasheet HTML 70Page - Winbond W25Q80BVCIP Datasheet HTML 71Page - Winbond Next Button
Zoom Inzoom in Zoom Outzoom out
 67 / 74 page
background image
W25Q128BV
Publication Release Date: October 03, 2013
- 67 -
Revision H
9.
PACKAGE SPECIFICATION
9.1
8-Pad WSON 8x6-mm (Package Code E)
SYMBOL
MILLIMETERS
INCHES
Min
Nom
Max
Min
Nom
Max
A
0.70
0.75
0.80
0.028
0.030
0.031
A1
0.00
0.02
0.05
0.000
0.001
0.002
b
0.35
0.40
0.48
0.014
0.016
0.019
C
0.19
0.20
0.25
0.007
0.008
0.010
D
7.90
8.00
8.10
0.311
0.315
0.319
D2
4.60
4.65
4.70
0.181
0.183
0.185
E
5.90
6.00
6.10
0.232
0.236
0.240
E2
5.15
5.20
5.25
0.203
0.205
0.207
e
1.27 BSC
0.050 BSC
L
0.45
0.50
0.55
0.018
0.020
0.022
y
0.00
---
0.050
0.000
---
0.002



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com