| Electronic Components Datasheet Search |
|
AM188ES-40VC/W Datasheet(PDF) 41 Page - Advanced Micro Devices |
|
|
|||||||||||||||||||||||||||||
AM188ES-40VC/W Datasheet(HTML) 41 Page - Advanced Micro Devices |
|
41 / 102 page ![]() Am186/188ES and Am186/188ESLV Microcontrollers 41 P R E L IMINA R Y Figure 7. Am188ES Microcontroller—Read and Write with Address Bus Disable In Effect BUS INTERFACE UNIT The bus interface unit controls all accesses to external peripherals and memory devices. External accesses include those to memory devices, as well as those to memory-mapped and I/O-mapped peripherals and the peripheral control block. The Am186ES and Am188ES microcontrollers provide an enhanced bus interface unit with the following features: n A nonmultiplexed address bus n On the Am186ES microcontroller, a static bus-siz- ing option for 8-bit and 16-bit memory and I/O n Separate byte write enables for high and low bytes in the Am186ES microcontroller only n Pseudo Static RAM (PSRAM) support The standard 80C186/188 microcontroller multiplexed address and data bus requires system interface logic and an external address latch. On the Am186ES and Am188ES microcontrollers, new byte write enables, PSRAM control logic, and a new nonmultiplexed ad- dress bus can reduce design costs by eliminating this external logic. Nonmultiplexed Address Bus The nonmultiplexed address bus (A19–A0) is valid one- half CLKOUTA cycle in advance of the address on the AD bus. When used in conjunction with the modified UCS and LCS outputs and the byte-write enable sig- nals, the A19–A0 bus provides a seamless interface to SRAM, PSRAM, and Flash EPROM memory systems. Static Bus Sizing The 80C186 microcontroller provided a 16-bit wide data bus over its entire address range, memory, and I/O, but did not allow accesses to an 8-bit wide bus. The 80C188 microcontroller provided a lower-cost in- terface by reducing the data bus width to 8 bits, again over the entire address range. The Am188ES micro- controller follows the 80C188 microcontroller in provid- ing an 8-bit data bus to all memory and peripherals. However, the Am186ES microcontroller differs from the 80C186 microcontroller in allowing programmabil- ity for data bus widths through fields in the auxiliary configuration (AUXCON) register, as shown in Table 6. The width of the data access should not be modified while the processor is fetching instructions from the as- sociated address space. CLKOUTA t1 t2 t3 t4 AD7–AD0 (Read) Data Address AO15–AO8 LCS, UCS AD7–AD0 (Write) Data Address Phase Data Phase A19–A0 Address MCSx, PCSx |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |