Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AM188ES-40VC/W Datasheet(PDF) 80 Page - Advanced Micro Devices

Part # AM188ES-40VC/W
Description  High Performance, 80C186-/80C188-Compatible and 80L186-/80L188-Compatible, 16-Bit Embedded Microcontrollers
PDF  102 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM188ES-40VC/W Datasheet(HTML) 80 Page - Advanced Micro Devices

Back Button AM188ES-40VC/W Datasheet HTML 76Page - Advanced Micro Devices AM188ES-40VC/W Datasheet HTML 77Page - Advanced Micro Devices AM188ES-40VC/W Datasheet HTML 78Page - Advanced Micro Devices AM188ES-40VC/W Datasheet HTML 79Page - Advanced Micro Devices AM188ES-40VC/W Datasheet HTML 80Page - Advanced Micro Devices AM188ES-40VC/W Datasheet HTML 81Page - Advanced Micro Devices AM188ES-40VC/W Datasheet HTML 82Page - Advanced Micro Devices AM188ES-40VC/W Datasheet HTML 83Page - Advanced Micro Devices AM188ES-40VC/W Datasheet HTML 84Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 80 / 102 page
background image
80
Am186/188ES and Am186/188ESLV Microcontrollers
PRELIMIN ARY
SWITCHING CHARACTERISTICS over COMMERCIAL operating ranges
PSRAM Refresh Cycle (20 MHz and 25 MHz)
Notes:
All timing parameters are measured at 1.5 V with 50 pF loading on CLKOUTA, unless otherwise noted. All output test conditions
are with CL=50 pF. For switching tests, VIL=0.45 V and VIH=2.4 V, except at X1 where VIH=VCC– 0.5 V.
a
Testing is performed with equal loading on referenced pins.
Parameter
Preliminary
Unit
20 MHz
25 MHz
No.
Symbol
Description
Min
Max
Min
Max
General Timing Responses
9tCHLH
ALE Active Delay
25
20
ns
10
tLHLL
ALE Width
tCLCL–10=40
tCLCL–10=30
ns
11
tCHLL
ALE Inactive Delay
25
20
ns
Read/Write Cycle Timing Responses
25
tCLRL
RD Active Delay
0
25
0
20
ns
26
tRLRH
RD Pulse Width
2tCLCL–15=85
2tCLCL–15=65
ns
27
tCLRH
RD Inactive Delay
0
25
0
20
ns
28
tRHLH
RD Inactive to ALE High(a)
tCLCH–3
tCLCH–3
ns
80
tCLCLX
LCS Inactive Delay
0
25
0
20
ns
81
tCLCSL
LCS Active Delay
0
25
0
20
ns
Refresh Timing Cycle Parameters
79
tCLRFD
CLKOUTA Low to RFSH Valid
025020
ns
82
tCLRF
CLKOUTA High to RFSH Invalid
0
25020
ns
85
tRFCY
RFSH Cycle Time
6
• t
CLCL
6
• t
CLCL
ns
86
tLCRF
LCS Inactive to RFSH Active
Delay
2tCLCL–3
2tCLCL–3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com