Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AM188ES-40VC/W Datasheet(PDF) 59 Page - Advanced Micro Devices

Part # AM188ES-40VC/W
Description  High Performance, 80C186-/80C188-Compatible and 80L186-/80L188-Compatible, 16-Bit Embedded Microcontrollers
PDF  102 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM188ES-40VC/W Datasheet(HTML) 59 Page - Advanced Micro Devices

Back Button AM188ES-40VC/W Datasheet HTML 55Page - Advanced Micro Devices AM188ES-40VC/W Datasheet HTML 56Page - Advanced Micro Devices AM188ES-40VC/W Datasheet HTML 57Page - Advanced Micro Devices AM188ES-40VC/W Datasheet HTML 58Page - Advanced Micro Devices AM188ES-40VC/W Datasheet HTML 59Page - Advanced Micro Devices AM188ES-40VC/W Datasheet HTML 60Page - Advanced Micro Devices AM188ES-40VC/W Datasheet HTML 61Page - Advanced Micro Devices AM188ES-40VC/W Datasheet HTML 62Page - Advanced Micro Devices AM188ES-40VC/W Datasheet HTML 63Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 59 / 102 page
background image
Am186/188ES and Am186/188ESLV Microcontrollers
59
P R E L IMINAR Y
Table 15 shows typical maximum ambient temperatures in degrees Centigrade for a PQFP package used on a 4-
layer to 6-layer board. The typical ambient temperatures are based on a 100-degree Centigrade maximum case
temperature. Figure 17 graphically illustrates the typical temperatures in Table 15.
Table 15.
Typical Ambient Temperatures for PQFP with a 4-Layer to 6-Layer Board
Figure 17.
Typical Ambient Temperatures for PQFP with a 4-Layer to 6-Layer Board
Microcontroller
Speed
Typical Power
(Watts)
Linear Feet per Minute Airflow
0 fpm
200 fpm
400 fpm
600 fpm
40 MHz
1.239
77.698
80.176
82.654
85.132
33 MHz
1.07085
80.7247
82.8664
85.0081
87.1498
25 MHz
0.81125
85.3975
87.02
88.6425
90.265
20 MHz
0.649
88.318
89.616
90.914
92.212
0 fpm
200 fpm
400 fpm
600 fpm
q 40 MHz
s 20 MHz
x 25 Mhz
H 33 MHz
Legend:
70
75
80
85
90
95
Airflow (Linear Feet Per Minute)
q
q
q
q
I
I
I
I
x
x
x
x
s
s
s
s



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com