Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AM188ES-40VC/W Datasheet(PDF) 92 Page - Advanced Micro Devices

Part # AM188ES-40VC/W
Description  High Performance, 80C186-/80C188-Compatible and 80L186-/80L188-Compatible, 16-Bit Embedded Microcontrollers
PDF  102 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM188ES-40VC/W Datasheet(HTML) 92 Page - Advanced Micro Devices

Back Button AM188ES-40VC/W Datasheet HTML 88Page - Advanced Micro Devices AM188ES-40VC/W Datasheet HTML 89Page - Advanced Micro Devices AM188ES-40VC/W Datasheet HTML 90Page - Advanced Micro Devices AM188ES-40VC/W Datasheet HTML 91Page - Advanced Micro Devices AM188ES-40VC/W Datasheet HTML 92Page - Advanced Micro Devices AM188ES-40VC/W Datasheet HTML 93Page - Advanced Micro Devices AM188ES-40VC/W Datasheet HTML 94Page - Advanced Micro Devices AM188ES-40VC/W Datasheet HTML 95Page - Advanced Micro Devices AM188ES-40VC/W Datasheet HTML 96Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 92 / 102 page
background image
92
Am186/188ES and Am186/188ESLV Microcontrollers
PRELIMIN ARY
SWITCHING CHARACTERISTICS over COMMERCIAL operating ranges
Ready and Peripheral (20 MHz and 25 MHz)
Notes:
All timing parameters are measured at 1.5 V with 50 pF loading on CLKOUTA, unless otherwise noted. All output test conditions
are with CL=50 pF. For switching tests, VIL=0.45 V and VIH=2.4 V, except at X1 where VIH=VCC– 0.5 V.
a
This timing must be met to guarantee proper operation.
b
This timing must be met to guarantee recognition at the clock edge.
Parameter
Preliminary
Preliminary
Unit
20 MHz
25 MHz
No.
Symbol
Description
Min
Max
Min
Max
Ready and Peripheral Timing Requirements
47
tSRYCL
SRDY Transition Setup Time(a)
10
10
ns
48
tCLSRY
SRDY Transition Hold Time(a)
33
ns
49
tARYCH
ARDY Resolution Transition
Setup Time(b)
10
10
ns
50
tCLARX
ARDY Active Hold Time(a)
44
ns
51
tARYCHL
ARDY Inactive Holding Time
6
6
ns
52
tARYLCL
ARDY Setup Time(a)
15
15
ns
53
tINVCH
Peripheral Setup Time(b)
10
10
ns
54
tINVCL
DRQ Setup Time(b)
10
10
ns
Peripheral Timing Responses
55
tCLTMV
Timer Output Delay
25
20
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com