Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AM188ES-40VC/W Datasheet(PDF) 52 Page - Advanced Micro Devices

Part # AM188ES-40VC/W
Description  High Performance, 80C186-/80C188-Compatible and 80L186-/80L188-Compatible, 16-Bit Embedded Microcontrollers
PDF  102 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM188ES-40VC/W Datasheet(HTML) 52 Page - Advanced Micro Devices

Back Button AM188ES-40VC/W Datasheet HTML 48Page - Advanced Micro Devices AM188ES-40VC/W Datasheet HTML 49Page - Advanced Micro Devices AM188ES-40VC/W Datasheet HTML 50Page - Advanced Micro Devices AM188ES-40VC/W Datasheet HTML 51Page - Advanced Micro Devices AM188ES-40VC/W Datasheet HTML 52Page - Advanced Micro Devices AM188ES-40VC/W Datasheet HTML 53Page - Advanced Micro Devices AM188ES-40VC/W Datasheet HTML 54Page - Advanced Micro Devices AM188ES-40VC/W Datasheet HTML 55Page - Advanced Micro Devices AM188ES-40VC/W Datasheet HTML 56Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 102 page
background image
52
Am186/188ES and Am186/188ESLV Microcontrollers
PRELIMINA R Y
PROGRAMMABLE I/O (PIO) PINS
There are 32 pins on the Am186ES and Am188ES mi-
crocontrollers that are available as user-programmable
I/O signals. Table 2 on page 34 and Table 3 on
page 34 list the PIO pins. Each of these pins can be
used as a user-programmable input or output signal if
the normal shared function is not needed.
If a pin is enabled to function as a PIO signal, the pre-
assigned signal function is disabled and does not affect
the level on the pin. A PIO signal can be configured to
operate as an input or output with or without a weak
pullup or pulldown, or as an open-drain output.
After power-on reset, the PIO pins default to various
configurations. The column titled
Power-On Reset Sta-
tus in Table 2 on page 34 and Table 3 on page 34 lists
the defaults for the PIOs. The system initialization code
must reconfigure the PIOs as required.
The A19–A17 address pins default to normal operation
on power-on reset, allowing the processor to correctly
begin fetching instructions at the boot address
FFFF0h. The DT/R, DEN, and SRDY pins also default
to normal operation on power-on reset.
Note that emulators use A19, A18, A17, S6, and UZI.
In environments where an emulator is needed, these
pins must be configured for normal function—not as
PIOs.
If the AD15–AD0 bus override is enabled on power-on
reset, then S6/CLKDIV2 and UZI revert to normal oper-
ation instead of PIO input with pullup. If BHE/ADEN
(186) or RFSH2/ADEN (188) is held Low during power-
on reset, the AD15–AD0 bus override is enabled.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com