Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AP160F Datasheet(PDF) 9 Page - AMIC Technology

Part # AP160F
Description  8-BIT MICROCONTROLLER WITH 8KB OTP
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMICC [AMIC Technology]
Direct Link  http://www.amictechnology.com
Logo AMICC - AMIC Technology

AP160F Datasheet(HTML) 9 Page - AMIC Technology

Back Button AP160F Datasheet HTML 5Page - AMIC Technology AP160F Datasheet HTML 6Page - AMIC Technology AP160F Datasheet HTML 7Page - AMIC Technology AP160F Datasheet HTML 8Page - AMIC Technology AP160F Datasheet HTML 9Page - AMIC Technology AP160F Datasheet HTML 10Page - AMIC Technology AP160F Datasheet HTML 11Page - AMIC Technology AP160F Datasheet HTML 12Page - AMIC Technology AP160F Datasheet HTML 13Page - AMIC Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 25 page
background image
AP160
Version 0.0
9
AMIC Technology, Inc.
In this mode, two options are selected by bit EXEN2 in T2CON. If EXEN2=0, Timer2 counts up to 0FFFFH and then sets
the TF2 bit upon overflow. The overflow also causes the timer registers to be reloaded with the 16-bit value in RCAP2H and
RCAP2L. The values in Timer in Capture Mode RCAP2H and RCAP2L are preset by software.
If EXEN2=1, a 16-bit reload can be triggered either by an overflow or by a 1-to-0 transition at external input T2EX. This
transition also sets the EXF2 bit. Both the TF2 and EXF2 bits can generate an interrupt if enabled. Setting the DCEN bit
enables Timer2 to count up or down, as shown in Figure 3. In the mode, the T2EX pin controls the direction of the count. A
logic 1 at T2EX makes Timer 2 count up. The timer will overflow at 0FFFFH and set the TF2 bit. The overflow also causes
the 16-bit value in RCAP2H and RCAP2L to be reloaded into the timer registers, TH2 and TL2, respectively. A logic 0 at
T2EX makes Timer 2 count down. The timer underflows when TH2 and Tl2 equal the values stored in RCAP2H and
RACP2L. The underflow sets the TF2 bit and causes 0FFFFH to be reloaded into the timer registers. The EXF2 bit toggles
whenever Timer 2 overflows or underflows and can be used as a 17
th bit of resolution. In this operating mode, EXF2 does
not flag an interrupt.
Table 3. T2MOD (Timer 2 Mode Control Register)
T2Mod Address = 0C9H
Reset Value = XXXX XX00B
Not bit addressable
Bit
7
6
5
4
3
2
1
0
Symbol
-
-
-
-
-
-
T2OE
DCEN
Symbol
Function
-
Not implemented, reserved for future
T2OE
Timer 2 Output Enable bit.
DCEN
When set, this bit allows Timer 2 to be configured as an up/down counter.
OSC
C/T2=0
T2 PIN
CONTROL
C/T2=1
T2EX PIN
TR2
12
÷
OVERFLOW
0FFH
0FFH
RCAP2H
RCAP2L
TH2
TL2
TF2
(DOWN COUNTING RELOAD VALUE)
COUNT
DIRECTION
1=UP
0=DOWN
TIMER 2
INTERRUPT
EXF2
TOGGLE
(UP COUNTING RELOAD VALUE)
Figure 3. Timer 2 Auto Reload Mode (DCEN=1)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com