Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AP160F Datasheet(PDF) 12 Page - AMIC Technology

Part # AP160F
Description  8-BIT MICROCONTROLLER WITH 8KB OTP
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMICC [AMIC Technology]
Direct Link  http://www.amictechnology.com
Logo AMICC - AMIC Technology

AP160F Datasheet(HTML) 12 Page - AMIC Technology

Back Button AP160F Datasheet HTML 8Page - AMIC Technology AP160F Datasheet HTML 9Page - AMIC Technology AP160F Datasheet HTML 10Page - AMIC Technology AP160F Datasheet HTML 11Page - AMIC Technology AP160F Datasheet HTML 12Page - AMIC Technology AP160F Datasheet HTML 13Page - AMIC Technology AP160F Datasheet HTML 14Page - AMIC Technology AP160F Datasheet HTML 15Page - AMIC Technology AP160F Datasheet HTML 16Page - AMIC Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 25 page
background image
AP160
Version 0.0
12
AMIC Technology, Inc.
INTERRUPTS
The AP160 has a total of six interrupt vectors: two external interrupts (INT0 and INT1), three timer interrupts (Timers 0, 1,
and 2), and the serial port interrupt. These interrupts are all shown in Figure 6. Each of these interrupt sources can be
individually enabled or disabled by setting or clearing a bit in Special Function Register IE. IE also contains a global disable
bit, EA, which disables all interrupts at once. Note that Table 4 shows that bit position IE.6 is unimplemented. User software
should not write 1s to the bit position, since they may be used in future AMIC products. Timer 2 interrupt is generated by the
logical OR of bits TF2 and EXF2 in register T2CON. Neither of these flags is cleared by hardware when the service routine
is vectored to. In fact, the service routine may have to determine whether it was TF2 or EXF2 that generated the interrupt,
and that bit will have to be cleared in software. The Timer 0 and Timer 1 flags, TF0 and TF1, are set at S5P2 of the cycle in
which the timers overflow. The values are then polled by the circuitry in the next cycle. However, the Timer 2 flag, TF2, is set
at S2P2 and is polled in the same cycle in which the timer overflows.
Table 4: Interrupt Enable (IE) Register
(MSB)
(LSB)
EA
--
ET2
ES
ET1
EX1
ET0
EX0
Enable Bit = 1 enables the interrupt.
Enable Bit = 0 disables the interrupt.
Symbol
Position
Function
EA
IE.7
Disables all interrupts. If EA = 0, no interrupt is acknowledged. If EA=1, each interrupt
source is individually enabled or disabled by setting or clearing its enable bit.
--
IE.6
Reserved.
ET2
IE.5
Timer 2 interrupt enable bit.
ES
IE.4
Serial Port interrupt enable bit.
ET1
IE.3
Timer 1 interrupt enable bit.
EX1
IE.2
External interrupt 1 enable bit.
ET0
IE.1
Timer 0 interrupt enable bit.
EX0
IE.0
External interrupt 0 enable bit.
User software should never write 1s to unimplemented bits, because they may be used in future AMIC products
INT0
IE0
0
1
TF0
IE1
0
1
INT1
TF1
T1
R1
TF2
EXF2
Figure 6. Interrupt Sources



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com