Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AP160F Datasheet(PDF) 16 Page - AMIC Technology

Part # AP160F
Description  8-BIT MICROCONTROLLER WITH 8KB OTP
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMICC [AMIC Technology]
Direct Link  http://www.amictechnology.com
Logo AMICC - AMIC Technology

AP160F Datasheet(HTML) 16 Page - AMIC Technology

Back Button AP160F Datasheet HTML 12Page - AMIC Technology AP160F Datasheet HTML 13Page - AMIC Technology AP160F Datasheet HTML 14Page - AMIC Technology AP160F Datasheet HTML 15Page - AMIC Technology AP160F Datasheet HTML 16Page - AMIC Technology AP160F Datasheet HTML 17Page - AMIC Technology AP160F Datasheet HTML 18Page - AMIC Technology AP160F Datasheet HTML 19Page - AMIC Technology AP160F Datasheet HTML 20Page - AMIC Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 25 page
background image
AP160
Version 0.0
16
AMIC Technology, Inc.
PROGRAM MEMORY LOCK BITS
The AP160 has three lock bits that can be left unprogrammed(U) or can be programmed (P) to obtain the additional
features listed in the following table.
Program Lock Bits
LB1
LB2
LB3
Protection Type
1
U
U
U
No program lock features
2
P
U
U
MOVC instructions executed from external program memory are disabled from fetching
code bytes from internal memory, EA is sampled and latched on reset, and further
programming of the OPT EPROM is disabled.
3
P
P
U
Same as mode 2, but verify is also disabled.
4
P
P
P
Same as mode 3, bur external execution is also disabled.
OSCILLATOR CHARACTERISTICS
XTAL1 and XTAL2 are the input and output, respectively, of an inverting amplifier. The pins can be configured for use as an
on-chip oscillator, as shown in the logic symbol. To drive the device from an external clock source, XTAL1 should be driven
while XTAL2 is left unconnected. There are no requirements on the duty cycle of the external clock signal, because the
input to the internal clock circuitry is through a divide-by-two flip-flop. However, minimum and maximum high and low times
specified in the data sheet must be observed.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com