Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AP160F Datasheet(PDF) 24 Page - AMIC Technology

Part # AP160F
Description  8-BIT MICROCONTROLLER WITH 8KB OTP
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMICC [AMIC Technology]
Direct Link  http://www.amictechnology.com
Logo AMICC - AMIC Technology

AP160F Datasheet(HTML) 24 Page - AMIC Technology

Back Button AP160F Datasheet HTML 17Page - AMIC Technology AP160F Datasheet HTML 18Page - AMIC Technology AP160F Datasheet HTML 19Page - AMIC Technology AP160F Datasheet HTML 20Page - AMIC Technology AP160F Datasheet HTML 21Page - AMIC Technology AP160F Datasheet HTML 22Page - AMIC Technology AP160F Datasheet HTML 23Page - AMIC Technology AP160F Datasheet HTML 24Page - AMIC Technology AP160F Datasheet HTML 25Page - AMIC Technology  
Zoom Inzoom in Zoom Outzoom out
 24 / 25 page
background image
AP160
Version 0.0
24
AMIC Technology, Inc.
Package Information
QFP 44L Outline Dimensions
unit: inches/mm
b
e
0.10
See Detail A
L
1.6
DETAIL A
θ
12
22
33
23
34
44
1
11
D
D1
Gauge Plane
Seating Plane
0.20 min
min
0
°
Dimensions in inches
Dimensions in mm
Symbol
Min
Nom
Max
Min
Nom
Max
A
-
-
0.106
-
-
2.7
A1
0.010
0.012
0.014
0.25
0.30
0.35
A2
0.0748
0.0787
0.0866
1.9
2.0
2.2
b
0.012 TYP
0.3 TYP
D
0.5118
0.5196
0.5274
13.00
13.20
13.40
D1
0.3897
0.3937
0.3977
9.9
10.00
10.10
E
0.5118
0.5196
0.5275
13.00
13.20
13.40
E1
0.3897
0.3937
0.3977
9.9
10.00
10.10
L
0.0287
0.0346
0.0366
0.73
0.88
0.93
e
0.0315 TYP
0.80 TYP
C
0.0021
0.0060
0.0099
0.1
0.15
0.2
θ
0°
-
7°
0°
-
7°
Notes:
1. Dimensions D1 and E1 do not include mold protrusion.
2. Dimension b does not include dambar protrusion.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com