Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AP160F Datasheet(PDF) 17 Page - AMIC Technology

Part # AP160F
Description  8-BIT MICROCONTROLLER WITH 8KB OTP
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMICC [AMIC Technology]
Direct Link  http://www.amictechnology.com
Logo AMICC - AMIC Technology

AP160F Datasheet(HTML) 17 Page - AMIC Technology

Back Button AP160F Datasheet HTML 13Page - AMIC Technology AP160F Datasheet HTML 14Page - AMIC Technology AP160F Datasheet HTML 15Page - AMIC Technology AP160F Datasheet HTML 16Page - AMIC Technology AP160F Datasheet HTML 17Page - AMIC Technology AP160F Datasheet HTML 18Page - AMIC Technology AP160F Datasheet HTML 19Page - AMIC Technology AP160F Datasheet HTML 20Page - AMIC Technology AP160F Datasheet HTML 21Page - AMIC Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 25 page
background image
AP160
Version 0.0
17
AMIC Technology, Inc.
ABSOLUTE MAXIMUM RATINGS
Parameter
Rating
Unit
Operating temperature under bias
-55 to +125
°C
Storage temperature range
-65 to +150
°C
Voltage on EA/V PP pin to V SS
0 to +12.5
V
Voltage on any other pin to V SS
-0.1 to +7.0
V
Maximum Operating Voltage
6.0
V
Maximum I OL per I/O pin
15.0
mA
NOTICE: Stresses beyond those listed under Absolute Maximum Ratings may cause permanent damage to the device. This
This is a stress rating only and functional operation of the device at these or any other conditions beyond those
indicated in the operational sections of this specification is not implied. Exposure to absolute maximum rating
conditions for extended periods may affect device reliability.
DC CHARACTERICSTICS
The values shown in this table are valid for
T A = -40°C to 85°C and V CC = 2.7V to 5.5V, unless otherwise noted.
Symbol
Parameter
Condition
Min
Max
Units
IL
V
Input Low Voltage
(Except EA)
-0.5
0.2 VCC-0.1
V
IL1
V
Input Low Voltage (EA)
-0.5
0.2 VCC-0.3
V
IH
V
Input High Voltage
(Except XTAL1, RST)
0.2 VCC+0.9
VCC+0.5
V
IH1
V
Input High Voltage
(XTAL1, RST)
0.7 VCC
VCC+0.5
V
OL
V
Output Low Voltage
(Ports 1,2,3)
OL
I
= 1.6mA
0.45
V
OL1
V
Output Low Voltage
(Port 0, ALE, PSEN)
OL
I
= 3.2mA
0.45
V
OH
I
=-60uA, VCC=5V±10%
2.4
V
OH
I
=-25uA
0.75 VCC
V
OH
V
Output High Voltage
(Port 1,2,3, ALE, PSEN)
OH
I
=-10uA
0.9 VCC
V
OH
I
=-800uA, VCC=5V±10%
2.4
V
OH
I
=-300uA
0.75 VCC
V
OH1
V
Output High Voltage
(Port 0 in External Bus Mode)
OH
I
=-80uA
0.9 VCC
V
IL
I
Logical 0 Input Current
(Ports 1,2,3)
IN
V =0.45V
-50
uA
TL
I
Logical 1 to 0 Transition Current
(Ports 1,2,3)
IN
V =2V, VCC=5V±10%
-650
uA
LI
I
Input Leakage Current
(Port 0, EA)
0.45<
IN
V
< VCC
±10
uA
RRST
Reset Pulldown Resistor
50
300
KΩ
IO
C
Pin Capacitance
Test Freq. =1 MHZ,
A
T =25°C
10
PF
Active Mode, 12 MHZ
25
mA
Power Supply Current
Idle Mode, 12MHZ
6.5
mA
VCC = 5.5V
100
uA
CC
I
Power Down Mode
VCC = 3V
40
uA
Notes: 1. Under steady state (non-transient) conditions,
OL
I
must be externally limited as follows:
Maximum
OL
I
per port pin: 10mA
Maximum
OL
I
per 8-biit port: Port 0: 26mA, Ports 1,2,3: 15mA
Maximum total
OL
I
for all output pins: 71mA
If
OL
I
exceeds the test condition,
OL
V
may exceed the related specification. Pins are not guaranteed to sink currenr
greater than the listed test condition.
2. Minimum VCC for Power Down is 2V.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com