Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AP160F Datasheet(PDF) 18 Page - AMIC Technology

Part # AP160F
Description  8-BIT MICROCONTROLLER WITH 8KB OTP
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMICC [AMIC Technology]
Direct Link  http://www.amictechnology.com
Logo AMICC - AMIC Technology

AP160F Datasheet(HTML) 18 Page - AMIC Technology

Back Button AP160F Datasheet HTML 14Page - AMIC Technology AP160F Datasheet HTML 15Page - AMIC Technology AP160F Datasheet HTML 16Page - AMIC Technology AP160F Datasheet HTML 17Page - AMIC Technology AP160F Datasheet HTML 18Page - AMIC Technology AP160F Datasheet HTML 19Page - AMIC Technology AP160F Datasheet HTML 20Page - AMIC Technology AP160F Datasheet HTML 21Page - AMIC Technology AP160F Datasheet HTML 22Page - AMIC Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 25 page
background image
AP160
Version 0.0
18
AMIC Technology, Inc.
AC CHARACTERISTICS
Under operating conditions, load capacitance for Port 0, ALE/PROG, and PSEN = 100 pF; load capacitance for
all other outputs = 80 pF.
EXTERNAL PROGRAM AND DATA MEMORY CHARACTERISTICS
12MHZ Oscillator
Variable Oscillator
Symbol
Parameter
Min
Max
Min
Max
Units
CLCL
1/t
Oscillator Frequency
0
16
MHZ
LHLL
t
ALE Pulse Width
127
2
CLCL
t
-40
ns
AVLL
t
Address Valid to ALE Low
43
CLCL
t
-40
ns
LLAX
t
Address Hold After ALE Low
48
CLCL
t
-35
ns
LLIV
t
ALE Low to Valid Instruction In
233
4
CLCL
t
-100
ns
LLPL
t
ALE Low to PSEN Low
43
CLCL
t
-40
ns
PLPH
t
PSEN Pulse Width
205
3
CLCL
t
-45
ns
PLIV
t
PSEN Low to Valid Instruction In
145
3
CLCL
t
-105
ns
PXIX
t
Input Instruction Hold After PSEN
0
0
ns
PXIZ
t
Input Instruction Float After PSEN
59
CLCL
t
-25
ns
PXAV
t
PSEN to Address Valid
75
CLCL
t
-8
ns
AVIV
t
Address to Valid Instruction In
312
5
CLCL
t
-105
ns
PLAZ
t
PSEN Low to Address Float
10
10
ns
RLRH
t
RD Pulse Width
400
6
CLCL
t
-100
ns
WLWH
t
WR Pulse Width
400
6
CLCL
t
-100
ns
RLDV
t
RD Low to Valid Data In
252
5
CLCL
t
-165
ns
RHDX
t
Data Hold After RD
0
0
ns
RHDZ
t
Data Float After RD
97
2
CLCL
t
-70
ns
LLDV
t
ALE Low to Valid Data In
517
8
CLCL
t
-150
ns
AVDV
t
Address to Valid Data In
585
9
CLCL
t
-165
ns
LLWL
t
ALE Low to RD or WR Low
200
300
3
CLCL
t
-50
3
CLCL
t
+50
ns
AVWL
t
Address to RD or WR Low
203
4
CLCL
t
-130
ns
QVWX
t
Data Valid to WR Transition
33
CLCL
t
-50
ns
QVWH
t
Data Valid to WR High
433
7
CLCL
t
-150
ns
WHQX
t
Data Hold After WR
33
CLCL
t
-50
ns
RLAZ
t
RD low to Address Float
0
0
ns
WHLH
t
RD or WR High to ALE High
43
123
CLCL
t
-40
CLCL
t
+40
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com