Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TS68C429AMFB/C Datasheet(PDF) 8 Page - ATMEL Corporation

Part # TS68C429AMFB/C
Description  CMOS ARINC 429 Multichannel Receiver/ Transmitter MRT
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

TS68C429AMFB/C Datasheet(HTML) 8 Page - ATMEL Corporation

Back Button TS68C429AMFB/C Datasheet HTML 4Page - ATMEL Corporation TS68C429AMFB/C Datasheet HTML 5Page - ATMEL Corporation TS68C429AMFB/C Datasheet HTML 6Page - ATMEL Corporation TS68C429AMFB/C Datasheet HTML 7Page - ATMEL Corporation TS68C429AMFB/C Datasheet HTML 8Page - ATMEL Corporation TS68C429AMFB/C Datasheet HTML 9Page - ATMEL Corporation TS68C429AMFB/C Datasheet HTML 10Page - ATMEL Corporation TS68C429AMFB/C Datasheet HTML 11Page - ATMEL Corporation TS68C429AMFB/C Datasheet HTML 12Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 43 page
background image
8
TS68C429A
2120A–HIREL–08/02
This device contains protective circuitry against damage due to high static voltages or
electrical fields: however, it is advised that normal precautions be taken to avoid applica-
tion of any voltages higher than maximum-rated voltages to this high-impedance circuit.
Reliability of operation is enhanced if unused inputs are tied to an appropriate logic volt-
age level (e.g., either GND or VCC).
Figure 3. Clock Input Timing Diagram
Note:
Timing measurements are referenced to and from a low of 0.8-volt and a high voltage of
2.25 volts, unless otherwise noted. The voltage swing through this range should start
outside and pass through the range such that the rise or fall will be linear between
0.8-volt and 2.25 volts.
Unless otherwise stated, all voltages are referenced to the reference terminal.
Table 2. Recommended Condition of Use
Symbol
Parameter
Test conditions
Min
Max
Units
VCC
Supply Voltage
4.5
5.5
V
V
IL
Low Level Input Voltage
-0.5
0.8
V
V
IH
High Level Input Voltage
2.25
5.8
V
Tcase
Operating Temperature
M suffix
-55
+125
°C
V suffix
-40
+85
°C
C
L
Output Loading Capacitance
130
pF
t
r(c)
Clock Rise Time (See Figure 3)
5
ns
t
f(c)
Clock Fall Time (See Figure 3)
5
ns
f
c
Clock System Frequency
(See Figure 3)
0.5
20
MHz
Table 3. Thermal Characteristics
Package
Symbol
Parameter
Value
Unit
PGA 68
θ
J-A
Thermal Resistance Junction-to-ambient
28
°C/W
θ
J-C
Thermal Resistance Junction-to-case
2
°C/W
CQFP 132
θ
J-A
Thermal Resistance Junction-to-ambient
27
°C/W
θ
J-C
Thermal Resistance Junction-to-case
3
°C/W
0.8V
2.25V
tcyc
tCL
tCH
tCF
tCR



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com