Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TS68C429AMFB/C Datasheet(PDF) 24 Page - ATMEL Corporation

Part # TS68C429AMFB/C
Description  CMOS ARINC 429 Multichannel Receiver/ Transmitter MRT
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

TS68C429AMFB/C Datasheet(HTML) 24 Page - ATMEL Corporation

Back Button TS68C429AMFB/C Datasheet HTML 20Page - ATMEL Corporation TS68C429AMFB/C Datasheet HTML 21Page - ATMEL Corporation TS68C429AMFB/C Datasheet HTML 22Page - ATMEL Corporation TS68C429AMFB/C Datasheet HTML 23Page - ATMEL Corporation TS68C429AMFB/C Datasheet HTML 24Page - ATMEL Corporation TS68C429AMFB/C Datasheet HTML 25Page - ATMEL Corporation TS68C429AMFB/C Datasheet HTML 26Page - ATMEL Corporation TS68C429AMFB/C Datasheet HTML 27Page - ATMEL Corporation TS68C429AMFB/C Datasheet HTML 28Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 43 page
background image
24
TS68C429A
2120A–HIREL–08/02
• FIFO
The FIFO is seen as two 16-bit words. The Most Significant Word (MSW) must be writ-
ten first. The Least Significant Word (LSW) write increments the FIFO counter.
Before any write, the user should verify that the FIFO is not full. If the FIFO is full, any
write to the FIFO will be lost.
General Circuit Control
Logical Control Unit (LCU)
The LCU mainly distributes the clocks and reset within the MRT. The reset signal, active
low is an asynchronous signal. When it occurs, all registers are reset to zero except the
Label-Control-Matrix which is not initialized and the Status-Register which is set to FC00
(hex). Reset duration must be greater than 4 clk-cyc periods.
The LCU contains the Status-register. This read/write register indicates the state of the
internal operations. It is also the image of the pending interrupts if they are not masked.
Clearing a bit “RX-Channel-i” will cancel the received message and release the Mes-
sage-buffer for reception of a new message. The “End of TX on channel-i” Is set only
when the involved channel FIFO is empty. The format of the Status-Register is given
below.
Figure 19. Status Register



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com