Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

S29GL01GS11DFIV010 Datasheet(PDF) 27 Page - SPANSION

Part # S29GL01GS11DFIV010
Description  GL-S MirrorBit짰 Eclipse??Flash Non-Volatile Memory Family
PDF  106 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPANSION [SPANSION]
Direct Link  http://www.spansion.com
Logo SPANSION - SPANSION

S29GL01GS11DFIV010 Datasheet(HTML) 27 Page - SPANSION

Back Button S29GL01GS11DFIV010 Datasheet HTML 23Page - SPANSION S29GL01GS11DFIV010 Datasheet HTML 24Page - SPANSION S29GL01GS11DFIV010 Datasheet HTML 25Page - SPANSION S29GL01GS11DFIV010 Datasheet HTML 26Page - SPANSION S29GL01GS11DFIV010 Datasheet HTML 27Page - SPANSION S29GL01GS11DFIV010 Datasheet HTML 28Page - SPANSION S29GL01GS11DFIV010 Datasheet HTML 29Page - SPANSION S29GL01GS11DFIV010 Datasheet HTML 30Page - SPANSION S29GL01GS11DFIV010 Datasheet HTML 31Page - SPANSION Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 106 page
background image
October 9, 2013 S29GL_128S_01GS_00_08
GL-S MirrorBit® Family
27
Data
She e t
overhead in writing program commands and reduces memory device internal overhead in programming
operations to make Write Buffer Programming more efficient and thus faster than programming individual
words with the Word Programming command.
5.2.2
Incremental Programming
The same word location may be programmed more than once, by either the Word or Write Buffer
Programming methods, to incrementally change 1’s to 0’s.
5.3
Command Set
5.3.1
Program Methods
5.3.1.1
Word Programming
Word programming is used to program a single word anywhere in the main Flash Memory Array.
The Word Programming command is a four-write-cycle sequence. The program command sequence is
initiated by writing two unlock write cycles, followed by the program set up command. The program address
and data are written next, which in turn initiate the Embedded Word Program algorithm. The system is not
required to provide further controls or timing. The device automatically generates the program pulses and
verifies the programmed cell margin internally. When the Embedded Word Program algorithm is complete,
the EAC then returns to its standby mode.
The system can determine the status of the program operation by using Data Polling Status, reading the
Status Register, or monitoring the RY/BY# output. See Status Register on page 37 for information on these
status bits. See Data Polling Status on page 38 for information on these status bits. See Figure 5.1
on page 27 for a diagram of the programming operation.
Any commands other than Program Suspend written to the device during the Embedded Program algorithm
are ignored. Note that a hardware reset (RESET# = VIL) immediately terminates the programming operation
and returns the device to read mode after tRPH time. To ensure data integrity, the Program command
sequence should be reinitiated once the device has completed the hardware reset operation.
A modified version of the Word Programming command, without unlock write cycles, is used for programming
when entered into the Lock Register, Password, and PPB ASOs. The same command is used to change
volatile bits when entered in to the PPB Lock, and DYB ASOs. See Table 6.1 on page 57 for program
command sequences.
Figure 5.1 Word Program Operation
START
Write Program Command
Sequence
Data Poll from System
Verify Word?
Last Addresss?
Increment Address
Embedded
Program
algorithm
in progress
Programming Completed
No
No
Yes
Yes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com