Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

S29GL01GS11DFIV010 Datasheet(PDF) 68 Page - SPANSION

Part # S29GL01GS11DFIV010
Description  GL-S MirrorBit짰 Eclipse??Flash Non-Volatile Memory Family
PDF  106 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPANSION [SPANSION]
Direct Link  http://www.spansion.com
Logo SPANSION - SPANSION

S29GL01GS11DFIV010 Datasheet(HTML) 68 Page - SPANSION

Back Button S29GL01GS11DFIV010 Datasheet HTML 64Page - SPANSION S29GL01GS11DFIV010 Datasheet HTML 65Page - SPANSION S29GL01GS11DFIV010 Datasheet HTML 66Page - SPANSION S29GL01GS11DFIV010 Datasheet HTML 67Page - SPANSION S29GL01GS11DFIV010 Datasheet HTML 68Page - SPANSION S29GL01GS11DFIV010 Datasheet HTML 69Page - SPANSION S29GL01GS11DFIV010 Datasheet HTML 70Page - SPANSION S29GL01GS11DFIV010 Datasheet HTML 71Page - SPANSION S29GL01GS11DFIV010 Datasheet HTML 72Page - SPANSION Next Button
Zoom Inzoom in Zoom Outzoom out
 68 / 106 page
background image
68
GL-S MirrorBit® Family
S29GL_128S_01GS_00_08 October 9, 2013
Da ta
Sh e e t
8.3
Power Conservation Modes
8.3.1
Interface Standby
Standby is the default, low power, state for the interface while the device is not selected by the host for data
transfer (CE# = High). All inputs are ignored in this state and all outputs except RY/BY# are high impedance.
RY/BY# is a direct output of the EAC, not controlled by the Host Interface.
8.3.2
Automatic Sleep
The automatic sleep mode reduces device interface energy consumption to the sleep level (ICC6) following
the completion of a random read access time. The device automatically enables this mode when addresses
remain stable for tACC + 30 ns. While in sleep mode, output data is latched and always available to the
system. Output of the data depends on the level of the OE# signal but, the automatic sleep mode current is
independent of the OE# signal level. Standard address access timings (tACC or tPACC) provide new data when
addresses are changed. ICC6 in DC Characteristics on page 74 represents the automatic sleep mode current
specification.
Automatic sleep helps reduce current consumption especially when the host system clock is slowed for power
reduction. During slow system clock periods, read and write cycles may extend many times their length
versus when the system is operating at high speed. Even though CE# may be Low throughout these
extended data transfer cycles, the memory device host interface will go to the Automatic Sleep current at tACC
+ 30 ns. The device will remain at the Automatic Sleep current for tASSB. Then the device will transition to the
standby current level. This keeps the memory at the Automatic Sleep or standby power level for most of the
long duration data transfer cycles, rather than consuming full read power all the time that the memory device
is selected by the host system.
However, the EAC operates independent of the automatic sleep mode of the host interface and will continue
to draw current during an active Embedded Algorithm. Only when both the host interface and EAC are in their
standby states is the standby level current achieved.
8.4
Read
8.4.1
Read With Output Disable
When the CE# signal is asserted Low, the host system memory controller begins a read or write data transfer.
Often there is a period at the beginning of a data transfer when CE# is Low, Address is valid, OE# is High,
and WE# is High. During this state a read access is assumed and the Random Read process is started while
the data outputs remain at high impedance. If the OE# signal goes Low, the interface transitions to the
Random Read state, with data outputs actively driven. If the WE# signal is asserted Low, the interface
transitions to the Write state. Note, OE# and WE# should never be Low at the same time to ensure no data
bus contention between the host system and memory.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com