Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

S29GL01GS11DFIV010 Datasheet(PDF) 64 Page - SPANSION

Part # S29GL01GS11DFIV010
Description  GL-S MirrorBit짰 Eclipse??Flash Non-Volatile Memory Family
PDF  106 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPANSION [SPANSION]
Direct Link  http://www.spansion.com
Logo SPANSION - SPANSION

S29GL01GS11DFIV010 Datasheet(HTML) 64 Page - SPANSION

Back Button S29GL01GS11DFIV010 Datasheet HTML 60Page - SPANSION S29GL01GS11DFIV010 Datasheet HTML 61Page - SPANSION S29GL01GS11DFIV010 Datasheet HTML 62Page - SPANSION S29GL01GS11DFIV010 Datasheet HTML 63Page - SPANSION S29GL01GS11DFIV010 Datasheet HTML 64Page - SPANSION S29GL01GS11DFIV010 Datasheet HTML 65Page - SPANSION S29GL01GS11DFIV010 Datasheet HTML 66Page - SPANSION S29GL01GS11DFIV010 Datasheet HTML 67Page - SPANSION S29GL01GS11DFIV010 Datasheet HTML 68Page - SPANSION Next Button
Zoom Inzoom in Zoom Outzoom out
 64 / 106 page
background image
64
GL-S MirrorBit® Family
S29GL_128S_01GS_00_08 October 9, 2013
Da ta
Sh e e t
(SA) + 004Fh
0004h (Bottom)
0005h (Top)
WP# Protection
00h = Flash device without WP Protect (No Boot)
01h = Eight 8 kB Sectors at TOP and Bottom with WP (Dual Boot)
02h = Bottom Boot Device with WP Protect (Bottom Boot)
03h = Top Boot Device with WP Protect (Top Boot)
04h = Uniform, Bottom WP Protect (Uniform Bottom Boot)
05h = Uniform, Top WP Protect (Uniform Top Boot)
06h = WP Protect for all sectors
07h = Uniform, Top and Bottom WP Protect
(SA) + 0050h
0001h
Program Suspend
00 = Not Supported
01 = Supported
(SA) +0051h
0000h
Unlock Bypass
00 = Not Supported
01 = Supported
(SA) + 0052h
0009h
Secured Silicon Sector (Customer OTP Area) Size 2
N (bytes)
(SA) + 0053h
008Fh
Software Features
bit 0: status register polling (1 = supported, 0 = not supported)
bit 1: DQ polling (1 = supported, 0 = not supported)
bit 2: new program suspend/resume commands (1 = supported, 0 = not supported)
bit 3: word programming (1 = supported, 0 = not supported)
bit 4: bit-field programming (1 = supported, 0 = not supported)
bit 5: autodetect programming (1 = supported, 0 = not supported)
bit 6: RFU
bit 7: multiple writes per Line (1 = supported, 0 = not supported)
(SA) + 0054h
0005h
Page Size = 2
N bytes
(SA) + 0055h
0006h
Erase Suspend Timeout Maximum < 2N (µs)
(SA) + 0056h
0006h
Program Suspend Timeout Maximum < 2
N (µs)
(SA) + 0057h
to
(SA) + 0077h
FFFFh
Reserved
(SA) + 0078h
0006h
Embedded Hardware Reset Timeout Maximum < 2
N (µs)
Reset with Reset Pin
(SA) + 0079h
0009h
Non-Embedded Hardware Reset Timeout Maximum < 2
N (µs)
Power on Reset
Table 6.6 CFI Primary Vendor-Specific Extended Query (Sheet 2 of 2)
Word Address
Data
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com