Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

S29GL01GS11DFIV010 Datasheet(PDF) 21 Page - SPANSION

Part # S29GL01GS11DFIV010
Description  GL-S MirrorBit짰 Eclipse??Flash Non-Volatile Memory Family
PDF  106 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPANSION [SPANSION]
Direct Link  http://www.spansion.com
Logo SPANSION - SPANSION

S29GL01GS11DFIV010 Datasheet(HTML) 21 Page - SPANSION

Back Button S29GL01GS11DFIV010 Datasheet HTML 17Page - SPANSION S29GL01GS11DFIV010 Datasheet HTML 18Page - SPANSION S29GL01GS11DFIV010 Datasheet HTML 19Page - SPANSION S29GL01GS11DFIV010 Datasheet HTML 20Page - SPANSION S29GL01GS11DFIV010 Datasheet HTML 21Page - SPANSION S29GL01GS11DFIV010 Datasheet HTML 22Page - SPANSION S29GL01GS11DFIV010 Datasheet HTML 23Page - SPANSION S29GL01GS11DFIV010 Datasheet HTML 24Page - SPANSION S29GL01GS11DFIV010 Datasheet HTML 25Page - SPANSION Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 106 page
background image
October 9, 2013 S29GL_128S_01GS_00_08
GL-S MirrorBit® Family
21
Data
She e t
3.4.6
Sector Protection States Summary
Each sector can be in one of the following protection states:
 Unlocked – The sector is unprotected and protection can be changed by a simple command. The
protection state defaults to unprotected after a power cycle or hardware reset.
 Dynamically Locked – A sector is protected and protection can be changed by a simple command. The
protection state is not saved across a power cycle or hardware reset.
 Persistently Locked – A sector is protected and protection can only be changed if the PPB Lock Bit is set to
1. The protection state is non-volatile and saved across a power cycle or hardware reset. Changing the
protection state requires programming or erase of the PPB bits.
3.4.7
Lock Register
The Lock Register holds the non-volatile OTP bits for controlling protection of the SSR, and determining the
PPB Lock bit management method (protection mode).
The Secure Silicon Region (SSR) protection bits must be used with caution, as once locked, there is no
procedure available for unlocking the protected portion of the Secure Silicon Region and none of the bits in
the protected Secure Silicon Region memory space can be modified in any way. Once the Secure Silicon
Region area is protected, any further attempts to program in the area will fail with status indicating the area
being programmed is protected. The Region 0 Indicator Bit is located in the Lock Register at bit location 0 and
Region 1 in bit location 6.
As shipped from the factory, all devices default to the Persistent Protection method, with all sectors
unprotected, when power is applied. The device programmer or host system can then choose which sector
protection method to use. Programming either of the following two, one-time programmable, non-volatile bits,
locks the part permanently in that mode:
 Persistent Protection Mode Lock Bit (DQ1)
 Password Protection Mode Lock Bit (DQ2)
Table 3.1 Sector Protection States
Protection Bit Values
Sector State
PPB Lock
PPB
DYB
1
1
1
Unprotected - PPB and DYB are changeable
1
1
0
Protected - PPB and DYB are changeable
1
0
1
Protected - PPB and DYB are changeable
1
0
0
Protected - PPB and DYB are changeable
0
1
1
Unprotected - PPB not changeable, DYB is changeable
0
1
0
Protected - PPB not changeable, DYB is changeable
0
0
1
Protected - PPB not changeable, DYB is changeable
0
0
0
Protected - PPB not changeable, DYB is changeable
Table 3.2 Lock Register
Bit
Default Value
Name
15-9
1
Reserved
8
0
Reserved
7
X
Reserved
6
1
SSR Region 1 (Customer) Lock Bit
5
1
Reserved
4
1
Reserved
3
1
Reserved
2
1
Password Protection Mode Lock Bit
1
1
Persistent Protection Mode Lock Bit
0
0
SSR Region 0 (Factory) Lock Bit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com