Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

S29GL01GS11DFIV010 Datasheet(PDF) 13 Page - SPANSION

Part # S29GL01GS11DFIV010
Description  GL-S MirrorBit짰 Eclipse??Flash Non-Volatile Memory Family
PDF  106 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPANSION [SPANSION]
Direct Link  http://www.spansion.com
Logo SPANSION - SPANSION

S29GL01GS11DFIV010 Datasheet(HTML) 13 Page - SPANSION

Back Button S29GL01GS11DFIV010 Datasheet HTML 9Page - SPANSION S29GL01GS11DFIV010 Datasheet HTML 10Page - SPANSION S29GL01GS11DFIV010 Datasheet HTML 11Page - SPANSION S29GL01GS11DFIV010 Datasheet HTML 12Page - SPANSION S29GL01GS11DFIV010 Datasheet HTML 13Page - SPANSION S29GL01GS11DFIV010 Datasheet HTML 14Page - SPANSION S29GL01GS11DFIV010 Datasheet HTML 15Page - SPANSION S29GL01GS11DFIV010 Datasheet HTML 16Page - SPANSION S29GL01GS11DFIV010 Datasheet HTML 17Page - SPANSION Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 106 page
background image
October 9, 2013 S29GL_128S_01GS_00_08
GL-S MirrorBit® Family
13
Data
She e t
While in EA mode, only a Program / Erase suspend command or the Status Register Read command will be
accepted. All other commands are ignored. Thus, no other ASO may be entered from the EA mode.
When an Embedded Algorithm is suspended, the Data Polling ASO is visible until the device has suspended
the EA. When the EA is suspended the Data Polling ASO is exited and Flash Array data is available. The
Data Polling ASO is reentered when the suspended EA is resumed, until the EA is again suspended or
finished. When an Embedded Algorithm is completed, the Data Polling ASO is exited and the device goes to
the previous (calling) mode (from which the Embedded Algorithm was started).
In ASO mode, one of the remaining overlay address spaces is entered (overlaid on the main Flash Array
address map). Only one ASO may be entered at any one time. Commands to the device affect the currently
entered ASO. Only certain commands are valid for each ASO. These are listed in the Table 6.1 on page 57,
in each ASO related section of the table.
The following ASOs have non-volatile data that may be programmed to change 1’s to 0’s:
 Secure Silicon Region
 Lock Register
 Persistent Protection Bits (PPB)
 Password
 Only the PPB ASO has non-volatile data that may be erased to change 0’s to 1’s
When a program or erase command is issued while one of the non-volatile ASOs is entered, the EA operates
on the ASO. The ASO is not readable while the EA is active. When the EA is completed the ASO remains
entered and is again readable. Suspend and Resume commands are ignored during an EA operating on any
of these ASOs.
2.1
Flash Memory Array
The S29GL-S family has uniform sector architecture with a sector size of 128 kB. Table 2.1 to Table 2.4
shows the sector architecture of the four devices.
Table 2.1 S29GL01GS Sector and Memory Address Map
Sector Size (kbyte)
Sector Count
Sector Range
Address Range
(16-Bit)
Notes
128
1024
SA00
0000000h-000FFFFh
Sector Starting Address
::
–
SA1023
3FF0000h-3FFFFFFh
Sector Ending Address
Table 2.2 S29GL512S Sector and Memory Address Map
Sector Size (kbyte)
Sector Count
Sector Range
Address Range
(16-Bit)
Notes
128
512
SA00
0000000h-000FFFFh
Sector Starting Address
::
–
SA511
1FF0000h-1FFFFFFh
Sector Ending Address
Table 2.3 S29GL256S Sector and Memory Address Map
Sector Size (kbyte)
Sector Count
Sector Range
Address Range
(16-Bit)
Notes
128
256
SA00
0000000h-000FFFFh
Sector Starting Address
::
–
SA255
0FF0000h-0FFFFFFh
Sector Ending Address



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com