Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

S29GL01GS11DFIV010 Datasheet(PDF) 45 Page - SPANSION

Part # S29GL01GS11DFIV010
Description  GL-S MirrorBit짰 Eclipse??Flash Non-Volatile Memory Family
PDF  106 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPANSION [SPANSION]
Direct Link  http://www.spansion.com
Logo SPANSION - SPANSION

S29GL01GS11DFIV010 Datasheet(HTML) 45 Page - SPANSION

Back Button S29GL01GS11DFIV010 Datasheet HTML 41Page - SPANSION S29GL01GS11DFIV010 Datasheet HTML 42Page - SPANSION S29GL01GS11DFIV010 Datasheet HTML 43Page - SPANSION S29GL01GS11DFIV010 Datasheet HTML 44Page - SPANSION S29GL01GS11DFIV010 Datasheet HTML 45Page - SPANSION S29GL01GS11DFIV010 Datasheet HTML 46Page - SPANSION S29GL01GS11DFIV010 Datasheet HTML 47Page - SPANSION S29GL01GS11DFIV010 Datasheet HTML 48Page - SPANSION S29GL01GS11DFIV010 Datasheet HTML 49Page - SPANSION Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 106 page
background image
October 9, 2013 S29GL_128S_01GS_00_08
GL-S MirrorBit® Family
45
Data
She e t
5.5.3
Write Buffer Abort
If an error occurs during a Write to Buffer command the device (EAC) remains busy. The RY/BY# output
remains Low, data polling status continues to be overlaid on all address locations, and the status register
shows ready with valid status bits. The device remains busy until the error status is detected by the host
system status monitoring and the error status is cleared.
During write to buffer abort (WBA) error status the Data Polling status will show the following:
DQ7 is the inversion of the DQ7 bit in the last word loaded into the write buffer
DQ6 continues to toggle, independent of the address used to read status
DQ5 = 0; to indicate no failure of the programming operation. WBA is an error in the values input by
the Write to Buffer command before the programming operation can begin
DQ4 is RFU and should be treated as don’t care (masked)
DQ3 is don't care after program operation as no erase is in progress. If the Write Buffer Program
operation was started after an erase operation had been suspended then DQ3 = 1. If there was no
erase operation in progress then DQ3 is a don't care and should be masked.
DQ2 does not toggle after program operation as no erase is in progress. If the Write Buffer Program
operation was started after an erase operation had been suspended then DQ2 will toggle in the
sector where the erase operation was suspended and not in any other sector. If there was no erase
operation in progress then DQ2 is a don't care and should be masked.
DQ1 = 1: Write buffer abort error
DQ0 is RFU and should be treated as don’t care (masked)
During embedded algorithm error status the Status Register will show the following:
SR[7] = 1; Valid status displayed
SR[6] = X; May or may not be erase suspended during the WBA error status
SR[5] = 0; Erase successful
SR[4] = 1; Programming related error
SR[3] = 1; Write buffer abort
SR[2] = 0; No Program in suspension
SR[1] = 0; Sector not locked during operation
SR[0] = X; RFU, treat as don’t care (masked)
When the WBA error status is detected, it is necessary to clear the error status in order to return to normal
operation, with RY/BY# High, ready for a new read or command write. The error status can be cleared and
device returned to normal operation by writing:
Write Buffer Abort Reset command
–
Clears the status register and returns to normal operation
Status Register Clear command
Commands that are accepted during embedded algorithm error status are:
Status Register Read
Write Buffer Abort Reset command
Status Register Clear command



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com