Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

CS44L10 Datasheet(PDF) 19 Page - Cirrus Logic

Part # CS44L10
Description  Digital PWH Headphone Monitor
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS44L10 Datasheet(HTML) 19 Page - Cirrus Logic

Back Button CS44L10 Datasheet HTML 15Page - Cirrus Logic CS44L10 Datasheet HTML 16Page - Cirrus Logic CS44L10 Datasheet HTML 17Page - Cirrus Logic CS44L10 Datasheet HTML 18Page - Cirrus Logic CS44L10 Datasheet HTML 19Page - Cirrus Logic CS44L10 Datasheet HTML 20Page - Cirrus Logic CS44L10 Datasheet HTML 21Page - Cirrus Logic CS44L10 Datasheet HTML 22Page - Cirrus Logic CS44L10 Datasheet HTML 23Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 34 page
background image
CS44L10
DS541PP1
19
4.8 Volume and Mixing Control (address 09h)
4.8.1 RAMP SPEED (RMP_SP)
Default = 01
00 - Ramp speed = approximately 0.1 seconds
01 - Ramp speed = approximately 0.2 seconds
10 - Ramp speed = approximately 0.3 seconds
11 - Ramp speed = approximately 0.65 seconds
Function:
This feature is used in Single Ended applications to reduce pops in the output caused by the DC-blocking
capacitor. When in control port mode, the Ramp Speed sets the time for the PWM signal to linearly ramp
up and down from the bias point (50% PWM duty cycle). Refer to Section 6.4.
4.8.2 ATAPI CHANNEL MIXING AND MUTING (ATAPI)
Default = 1001 - HP_A = L, HP_B = R (Stereo)
Function:
The CS44L10 implements the channel mixing functions of the ATAPI CD-ROM specification. Refer to
Table 10 and Figure 5 for additional information.
Note: All mixing functions occur prior to the digital volume control.
76543
210
Reserved
Reserved
RMP_SP1
RMP_SP0
ATAPI3
ATAPI2
ATAPI1
ATAPI0
00001
001
ATAPI3
ATAPI2
ATAPI1
ATAPI0
HP_A
HP_B
00
00
MUTE
MUTE
00
01
MUTE
R
00
10
MUTE
L
00
11
MUTE
[(L+R)/2]
01
00
R
MUTE
01
01
R
R
01
10
R
L
01
11
R
[(L+R)/2]
10
00
L
MUTE
10
01
L
R
10
10
L
L
10
11
L
[(L+R)/2]
11
00
[(L+R)/2]
MUTE
11
01
[(L+R)/2]
R
11
10
[(L+R)/2]
L
11
11
[(L+R)/2]
[(L+R)/2]
Table 10. ATAPI Decode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com