Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

CS44L10 Datasheet(PDF) 27 Page - Cirrus Logic

Part # CS44L10
Description  Digital PWH Headphone Monitor
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS44L10 Datasheet(HTML) 27 Page - Cirrus Logic

Back Button CS44L10 Datasheet HTML 23Page - Cirrus Logic CS44L10 Datasheet HTML 24Page - Cirrus Logic CS44L10 Datasheet HTML 25Page - Cirrus Logic CS44L10 Datasheet HTML 26Page - Cirrus Logic CS44L10 Datasheet HTML 27Page - Cirrus Logic CS44L10 Datasheet HTML 28Page - Cirrus Logic CS44L10 Datasheet HTML 29Page - Cirrus Logic CS44L10 Datasheet HTML 30Page - Cirrus Logic CS44L10 Datasheet HTML 31Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 34 page
background image
CS44L10
DS541PP1
27
is decreased until the HP_x outputs reach GND.
The time required to reach GND is determined by
the RMP_SP bits. This allows the DC-blocking ca-
pacitors to slowly discharge. Once this charge is
dissipated, the power to the device may be turned
off, and the system is ready for the next power-on.
To prevent an audio transient at the next power-on,
the DC-blocking capacitors must fully discharge
before turning off the power or exiting the pow-
er-down state. If full discharge does not occur, a
transient will occur when the audio outputs are ini-
tially clamped to GND. The time that the device
must remain in the power-down state is related to
the value of the DC-blocking capacitance and the
output load. For example, with a 220 µF capacitor
and a 16 ohm load on the headphone outputs, the
minimum power-down time will be approximately
0.4 seconds.
Note that ramp up and ramp down period can be set
to zero with the RUPBYP and RDNBYP bits re-
spectively.
6.5 Recommended Power-up Sequence
6.5.1 Stand Alone Mode
1. Hold RST low until the power supply, master,
and left/right clocks are stable. In this state, the
control port is reset to its default settings and the
HP_x lines will remain low.
2. Bring RST high. The device will remain in a low
power state and will initiate the Stand-Alone pow-
er-up sequence. The control port will be accessible
at this time.
6.5.2 Control Port Mode
1. Hold RST low until the power supply, master,
and left/right clocks are stable. In this state, the
control port is reset to its default settings and the
HP_x lines will remain low.
2. Bring RST high. The device will remain in a low
power state and will initiate the Stand-Alone pow-
er-up sequence. The control port will be accessible
at this time.
3. On the CS44L10 the control port pins are shared
with stand-alone configuration pins. To enable the
control port, the user must set the CP_EN bit. This
is done by performing a Two-Wire or SPI write.
Once the control port is enabled, these pins are ded-
icated to control port functionality.
To prevent audible artifacts the CP_EN bit (see
Section 4.10.4) should be set prior to the comple-
tion of the Stand-Alone power-up sequence, ap-
proximately 21mS. Writing this bit will halt the
Stand-Alone power-up sequence and initialize the
control port to its default settings. Note, the CP_EN
bit can be set any time after RST goes high; how-
ever, setting this bit after the Stand-Alone pow-
er-up sequence has completed can cause audible
artifacts.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com