Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

CS44L10 Datasheet(PDF) 25 Page - Cirrus Logic

Part # CS44L10
Description  Digital PWH Headphone Monitor
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS44L10 Datasheet(HTML) 25 Page - Cirrus Logic

Back Button CS44L10 Datasheet HTML 21Page - Cirrus Logic CS44L10 Datasheet HTML 22Page - Cirrus Logic CS44L10 Datasheet HTML 23Page - Cirrus Logic CS44L10 Datasheet HTML 24Page - Cirrus Logic CS44L10 Datasheet HTML 25Page - Cirrus Logic CS44L10 Datasheet HTML 26Page - Cirrus Logic CS44L10 Datasheet HTML 27Page - Cirrus Logic CS44L10 Datasheet HTML 28Page - Cirrus Logic CS44L10 Datasheet HTML 29Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 34 page
background image
CS44L10
DS541PP1
25
5. PIN DESCRIPTION
1
2
3
4
5
6
7
8
9
10
11
12
13
14
16
15
Serial Data
SDIN
RST
Reset
Left/Right Clock
LRCK
GND
Headphone B Ground
Serial Clock
SCLK
HP_B
Headphone B Output
Master Clock
MCLK
VA_HPB
Headphone B Power
Digital Power
VD
VA_HPA
Headphone A Power
Ground
GND
HP_A
Headphone A Output
Interface Power
VL
GND
Headphone A Ground
SCL/DIF0
SCL/DIF0
SDA/DEM
SDA/DEM
SDIN
1
Serial Audio Data Input (Input) - Input for two’s complement serial audio data.
LRCK
2
Left Right Clock (Input) - Determines which channel, Left or Right, is currently active on the
serial audio data line. The frequency of the left/right clock must be at the audio sample rate, Fs.
SCLK
3
Serial Clock (Input) - Serial clock for the serial audio interface.
MCLK
4
Master Clock (Input) - Clock source for the PWM modulator and digital filters. Table 11, 12, 13
and 14 illustrate several standard audio sample rates and required master clock frequencies.
VD
5
Digital Power (Input) - Positive power supply for the digital section. Refer to "Recommended
Operating Conditions" for appropriate voltages.
GND
6, 10
& 15
Ground (Input) - Ground Reference.
VL
7
Logic Power (Input) - Determines the required signal level for the digital input/output. Refer to
"Recommended Operating Conditions" for appropriate voltages.
HP_A
HP_B
11
14
Headphone Outputs (Output) - PWM Headphone Outputs. An external LC filter should be
added to suppress high frequency switching noise. A DC blocking capacitor is also required.
Refer to Typical Connection Diagrams.
VA_HPA
VA_HPB
12
13
Headphone Amplifier Power (Input) - Positive power supply for the headphone amplifier.
Refer to "Recommended Operating Conditions" for appropriate voltages.
RST
16
Reset (Input) - The device enters a low power mode and all internal registers are reset to their
default settings when low. The control port cannot be accessed when Reset is low. See Sec-
tion 6.5
Control Port
Definitions
SCL
8
Serial Control Port Clock (Input) - Serial clock for the serial control port. Requires an external
pull-up resistor to VL in Two-Wire mode.
SDA
9
Serial Control Data (Input/Output) - SDA is a data I/O line in Two-Wire mode and requires an
external pull-up resistor to the logic interface voltage.
Stand Alone
Definitions
DIF0
8
Digital Interface Format (Input) - The required relationship between the Left/Right clock, serial
clock and serial data is defined by the Digital Interface Format and the options are detailed
below
DEM
9
De-emphasis Control (Input) - Selects the standard 15
µs/50 µs digital de-emphasis filter
response at 44.1 kHz sample rates. NOTE: De-emphasis is not available in Double or Quad
Speed Modes. When DEM is grounded, de-emphasis is disabled.
DIF0
DESCRIPTION
FIGURE
0
I2S, up to 24-bit data
18
1
Right Justified, 16-bit Data
19
Table 15. Digital Interface Format (Stand-Alone Mode)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com