| Electronic Components Datasheet Search |
|
LPC1547JBD48 Datasheet(PDF) 16 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
LPC1547JBD48 Datasheet(HTML) 16 Page - NXP Semiconductors |
|
16 / 99 page ![]() LPC15XX All information provided in this document is subject to legal disclaimers. © NXP B.V. 2014. All rights reserved. Product data sheet Rev. 1 — 19 February 2014 16 of 99 NXP Semiconductors LPC15xx 32-bit ARM Cortex-M3 microcontroller PIO1_14/SCT0_OUT7 --12 [5] I; PU IO PIO1_14 — General purpose port 1 input/output 14. O SCT0_OUT7 — SCTimer0/PWM output 7. PIO1_15 - - 15 [5] I; PU IO PIO1_15 — General purpose port 1 input/output 15. PIO1_16 - - 18 [5] I; PU IO PIO1_16 — General purpose port 1 input/output 16. PIO1_17/SCT1_OUT7 --20 [5] I; PU IO PIO1_17 — General purpose port 1 input/output 17. O SCT1_OUT7 — SCTimer1/PWM output 7. PIO1_18 - - 25 [5] I; PU IO PIO1_18 — General purpose port 1 input/output 18. PIO1_19 - - 29 [5] I; PU IO PIO1_19 — General purpose port 1 input/output 19. PIO1_20/SCT2_OUT5 --34 [5] I; PU IO PIO1_20 — General purpose port 1 input/output 20. O SCT2_OUT5 — SCTimer2/PWM output 5. PIO1_21 - - 37 [5] I; PU IO PIO1_21 — General purpose port 1 input/output 21. PIO1_22 - - 38 [5] I; PU IO PIO1_22 — General purpose port 1 input/output 22. PIO1_23 - - 42 [5] I; PU IO PIO1_23 — General purpose port 1 input/output 23. PIO1_24/SCT3_OUT5 --44 [5] I; PU IO PIO1_24 — General purpose port 1 input/output 24. O SCT3_OUT5 — SCTimer3/PWM output 5. PIO1_25 - - 46 [5] I; PU IO PIO1_25 — General purpose port 1 input/output 25. PIO1_26 - - 48 [5] I; PU IO PIO1_26 — General purpose port 1 input/output 26. PIO1_27 - - 50 [5] I; PU IO PIO1_27 — General purpose port 1 input/output 27. PIO1_28 - - 55 [5] I; PU IO PIO1_28 — General purpose port 1 input/output 28. PIO1_29 - - 56 [5] I; PU IO PIO1_29 — General purpose port 1 input/output 29. PIO1_30 - - 59 [5] I; PU IO PIO1_30 — General purpose port 1 input/output 30. PIO1_31 - - 60 [5] I; PU IO PIO1_31 — General purpose port 1 input/output 31. PIO2_0 - - 62 [5] I; PU IO PIO2_0 — General purpose port 2 input/output 0. PIO2_1 - - 64 [5] I; PU IO PIO2_1 — General purpose port 2 input/output 1. PIO2_2 - - 72 [5] I; PU IO PIO2_2 — General purpose port 2 input/output 2. PIO2_3 - - 76 [5] I; PU IO PIO2_3 — General purpose port 2 input/output 3. PIO2_4 - - 77 [5] I; PU IO PIO2_4 — General purpose port 2 input/output 4. On the LQFP100 package, this is the ISP_1 boot pin. PIO2_5 - - 80 [5] I; PU IO PIO2_5 — General purpose port 2 input/output 5. On the LQFP100 package, this is the ISP_0 boot pin. PIO2_6 - - 82 [5] I; PU IO PIO2_6 — General purpose port 2 input/output 6. On the LQFP100 package, this pin is assigned to U0_TXD in ISP USART mode. PIO2_7 - - 86 [5] I; PU IO PIO2_7 — General purpose port 2 input/output 7. On the LQFP100 package, this pin is assigned to U0_RXD in ISP USART mode. PIO2_8 - - 92 [5] I; PU IO PIO2_8 — General purpose port 2 input/output 8. On the LQFP100 package, this pin is assigned to CAN0_TD in ISP C_CAN mode. Table 3. Pin description with fixed-pin functions Symbol Reset state[1] Type Description |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |