Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AT89LP51RC2 Datasheet(PDF) 73 Page - ATMEL Corporation

Part # AT89LP51RC2
Description  8-bit Microcontroller Compatible with 8051 Products
PDF  254 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT89LP51RC2 Datasheet(HTML) 73 Page - ATMEL Corporation

Back Button AT89LP51RC2 Datasheet HTML 69Page - ATMEL Corporation AT89LP51RC2 Datasheet HTML 70Page - ATMEL Corporation AT89LP51RC2 Datasheet HTML 71Page - ATMEL Corporation AT89LP51RC2 Datasheet HTML 72Page - ATMEL Corporation AT89LP51RC2 Datasheet HTML 73Page - ATMEL Corporation AT89LP51RC2 Datasheet HTML 74Page - ATMEL Corporation AT89LP51RC2 Datasheet HTML 75Page - ATMEL Corporation AT89LP51RC2 Datasheet HTML 76Page - ATMEL Corporation AT89LP51RC2 Datasheet HTML 77Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 73 / 254 page
background image
73
3722A–MICRO–10/11
AT89LP51RB2/RC2/IC2 Preliminary
Digital inputs on P2.4, P2.5, P2.6 and P2.7 are disabled whenever an analog comparator is
enabled by setting the CENA or CENB bits in ACSRA and ACSRB and that pin is configured for
input-only mode. To use an analog input pin as a high-impedance digital input while a compara-
tor is enabled, that pin should be configured in open-drain mode and the corresponding port
register bit should be set to 1.
Digital inputs on Port 0 are disabled for each pin configured for input-only mode whenever the
ADC is enabled by setting the ADCE bit and clearing the DAC bit in DADC. To use any Port 0
input pin as a high-impedance digital input while the ADC is enabled, that pin should be config-
ured in open-drain mode and the corresponding port register bit should be set to 1. When DAC
mode is enabled, P2.2 and P2.3 are forced to input-only mode.
12.3
Port Read-Modify-Write
A read from a port will read either the state of the pins or the state of the port register depending
on which instruction is used. Simple read instructions will always access the port pins directly.
Read-modify-write instructions, which read a value, possibly modify it, and then write it back, will
always access the port register. This includes bit write instructions such as CLR or SETB as they
actually read the entire port, modify a single bit, then write the data back to the entire port. See
Table 12-5 for a complete list of Read-Modify-Write instruction which may access the ports.
12.4
Port Alternate Functions
Most general-purpose digital I/O pins of the AT89LP51RB2/RC2/IC2 share functionality with the
various I/Os needed for the peripheral units. Table 12-7 lists the alternate functions of the port
pins. Alternate functions are connected to the pins in a logic AND fashion. In order to enable the
alternate function on a port pin, that pin must have a “1” in its corresponding port register bit,
otherwise the input/output will always be “0”. However, alternate functions may be temporarily
forced to “0” by clearing the associated port bit, provided that the pin is not in input-only mode.
Furthermore, each pin must be configured for the correct input/output mode as required by its
peripheral before it may be used as such. Table 12-6 shows how to configure a generic pin for
use with an alternate function. If two or more port pins on the same 8-bit require difference direc-
tions, the port must be configured for bidirectional operation.
Table 12-5.
Port Read-Modify-Write Instructions
Mnemonic
Instruction
Example
ANL
Logical AND
ANL P1, A
ORL
Logical OR
ORL P1, A
XRL
Logical EX-OR
XRL P1, A
JBC
Jump if bit set and clear bit
JBC P3.0, LABEL
CPL
Complement bit
CPL P3.1
INC
Increment
INC P1
DEC
Decrement
DEC P3
DJNZ
Decrement and jump if not zero
DJNZ P3, LABEL
MOV PX.Y, C
Move carry to bit Y of Port X
MOV P1.0, C
CLR PX.Y
Clear bit Y of Port X
CLR P1.1
SETB PX.Y
Set bit Y of Port X
SETB P3.2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com