Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AT89LP51RC2 Datasheet(PDF) 80 Page - ATMEL Corporation

Part # AT89LP51RC2
Description  8-bit Microcontroller Compatible with 8051 Products
PDF  254 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT89LP51RC2 Datasheet(HTML) 80 Page - ATMEL Corporation

Back Button AT89LP51RC2 Datasheet HTML 76Page - ATMEL Corporation AT89LP51RC2 Datasheet HTML 77Page - ATMEL Corporation AT89LP51RC2 Datasheet HTML 78Page - ATMEL Corporation AT89LP51RC2 Datasheet HTML 79Page - ATMEL Corporation AT89LP51RC2 Datasheet HTML 80Page - ATMEL Corporation AT89LP51RC2 Datasheet HTML 81Page - ATMEL Corporation AT89LP51RC2 Datasheet HTML 82Page - ATMEL Corporation AT89LP51RC2 Datasheet HTML 83Page - ATMEL Corporation AT89LP51RC2 Datasheet HTML 84Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 80 / 254 page
background image
80
3722A–MICRO–10/11
AT89LP51RB2/RC2/IC2 Preliminary
13.2
Mode 0 – Variable Width Timer/Counter
Both Timers in Mode 0 are 8-bit Counters with a variable prescaler. The prescaler may vary from
1 to 8 bits depending on the PSC bits in TCONB, giving the timer a range of 9 to 16 bits.
By default the timer is configured as a 13-bit timer compatible to Mode 0 in the standard 8051.
Figure 13-1 shows the Mode 0 operation as it applies to Timer 1 in 13-bit mode. As the count
rolls over from all “1”s to all “0”s, it sets the Timer interrupt flag TF1. The counter input is enabled
to the Timer when TR1 = 1 and either GATE1 = 0 or INT1 =1. Setting GATE1 = 1 allows the
Timer to be controlled by external input INT1, to facilitate pulse width measurements. TR1 is a
control bit in the TCON register. GATE1 is in TMOD. The 13-bit register consists of all 8 bits of
TH1 and the lower 5 bits of TL1. The upper 3 bits of TL1 are indeterminate and should be
ignored. Setting the run flag (TR1) does not clear the registers.
The following equation gives the timeout period for Mode 0. In Fast Mode, TPS applies only
when the TnX2 bits in CKCON0 are set. TPS always applies in Compatibility Mode, therefore
setting TnX2 in Compatibility Mode will double the timeout period.
Mode 0 operation is the same for Timer 0 as for Timer 1, except that TR0, TF0, GATE0 and
INT0 replace the corresponding Timer 1 signals in Figure 13-1. There are two different C/T bits,
one for Timer 1 (TMOD.6) and one for Timer 0 (TMOD.2).
Table 13-4.
TCONB
– Timer/Counter Control Register B
TCONB = 91H
Reset Value = 0010 0100B
Not Bit Addressable
PWM1EN
PWM0EN
PSC12
PSC11
PSC10
PSC02
PSC01
PSC00
Bit
7
6
543
21
0
Symbol
Function
PWM1EN
Pulse Width Modulation 1 Enable
Set to configure Timer 1 for Pulse Width Modulation output on T1 (P3.5). Clear to disable T1 as an output.
PWM0EN
Pulse Width Modulation 0 Enable
Set to configure Timer 0 for Pulse Width Modulation output on T0 (P3.4). Clear to disable T0 as an output.
PSC12
PSC11
PSC10
Timer 1 Prescaler
Prescaler for Timer 1 Mode 0. The number of active bits in TL1 equals PSC1 + 1. After reset PSC1 = 100B which
enables 5 bits of TL1 for compatibility with the 13-bit Mode 0 in AT89C51RB2/RC2/IC2.
PSC02
PSC01
PSC00
Timer 0 Prescaler
Prescaler for Timer 0 Mode 0. The number of active bits in TL0 equals PSC0 + 1. After reset PSC0 = 100B which
enables 5 bits of TL0 for compatibility with the 13-bit Mode 0 in AT89C51RB2/RC2/IC2.
Mode 0:
Time-out Period
256
2
PSCn
1
+
×
fSYS
-----------------------------------------
TPS
1
+
()
×
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com