Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AT89LP51RC2 Datasheet(PDF) 98 Page - ATMEL Corporation

Part # AT89LP51RC2
Description  8-bit Microcontroller Compatible with 8051 Products
PDF  254 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT89LP51RC2 Datasheet(HTML) 98 Page - ATMEL Corporation

Back Button AT89LP51RC2 Datasheet HTML 94Page - ATMEL Corporation AT89LP51RC2 Datasheet HTML 95Page - ATMEL Corporation AT89LP51RC2 Datasheet HTML 96Page - ATMEL Corporation AT89LP51RC2 Datasheet HTML 97Page - ATMEL Corporation AT89LP51RC2 Datasheet HTML 98Page - ATMEL Corporation AT89LP51RC2 Datasheet HTML 99Page - ATMEL Corporation AT89LP51RC2 Datasheet HTML 100Page - ATMEL Corporation AT89LP51RC2 Datasheet HTML 101Page - ATMEL Corporation AT89LP51RC2 Datasheet HTML 102Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 98 / 254 page
background image
98
3722A–MICRO–10/11
AT89LP51RB2/RC2/IC2 Preliminary
Figure 15-2. PCA Interrupt System
15.2
PCA Modules
Each one of the five compare/capture modules has six possible functions. It can perform:
• 16-bit Capture, positive-edge triggered
• 16-bit Capture, negative-edge triggered
• 16-bit Capture, both positive and negative-edge triggered
• 16-bit Software Timer
• 16-bit High Speed Output
• 8-bit Pulse Width Modulator
In addition, Module 4 can be used as a Watchdog Timer.
Each module in the PCA has a special function register associated with it. These registers are:
CCAPM0 for Module 0, CCAPM1 for Module 1, etc. (See Table 15-6). The registers contain the
bits that control the mode that each module will operate in.
• The ECCF bit (CCAPMn.0 where n = 0, 1, 2, 3, or 4 depending on the module) enables the
CCF flag in the CCON SFR to generate an interrupt when a match or compare occurs in the
associated module.
• PWM (CCAPMn.1) enables the pulse width modulation mode.
Table 15-5.
CL – PCA Counter Register Low
CL Address = 0E9H
Reset Value = 0000 0000B
Not Bit Addressable
C7
C6
C5
C4
C3
C2
C1
C0
Bit
7
654
321
0
Symbol
Function
C
7-0
Module n Compare/Capture Register Low
Holds the lower order bits of the 16-bit PCA Timer/Counter.
EC
EA
CCF0
ECF
ECCF0
ECCF1
ECCF2
ECCF3
ECCF4
CCF0
CCF0
CCF0
CCF0
CF
0
1
2
3
4
7
CCON
Timer/Counter
Module 4
Module 3
Module 2
Module 1
Module 0
IEN0.6
IEN0.7
PCA Interrupt
to priority
decoder
CMOD.0
CCAPMn.0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com