Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AT89LP51RC2 Datasheet(PDF) 27 Page - ATMEL Corporation

Part # AT89LP51RC2
Description  8-bit Microcontroller Compatible with 8051 Products
PDF  254 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT89LP51RC2 Datasheet(HTML) 27 Page - ATMEL Corporation

Back Button AT89LP51RC2 Datasheet HTML 23Page - ATMEL Corporation AT89LP51RC2 Datasheet HTML 24Page - ATMEL Corporation AT89LP51RC2 Datasheet HTML 25Page - ATMEL Corporation AT89LP51RC2 Datasheet HTML 26Page - ATMEL Corporation AT89LP51RC2 Datasheet HTML 27Page - ATMEL Corporation AT89LP51RC2 Datasheet HTML 28Page - ATMEL Corporation AT89LP51RC2 Datasheet HTML 29Page - ATMEL Corporation AT89LP51RC2 Datasheet HTML 30Page - ATMEL Corporation AT89LP51RC2 Datasheet HTML 31Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 254 page
background image
27
3722A–MICRO–10/11
AT89LP51RB2/RC2/IC2 Preliminary
Table 4-8.
Timer SFRs
Mnemonic
Add
Name
765432
10
TCON
88hTimer/Counter 0 and 1 Control
TF1
TR1
TF0
TR0
IE1
IT1
IE0
IT0
TMOD
89h
Timer/Counter 0 and 1 Modes
GATE1
C/T1
M11
M01
GATE0
C/T0
M10
M00
TCONB
91h
Timer/Counter 0 and 1 Mode B
TL0
8Ah
Timer/Counter 0 Low Byte
TH0
8Ch
Timer/Counter 0 High Byte
TL1
8Bh
Timer/Counter 1 Low Byte
TH1
8Dh
Timer/Counter 1 High Byte
RL0
F2h
Timer/Counter 0 Reload Low
RH0
F3h
Timer/Counter 0 Reload High
RTL1
F4h
Timer/Counter 1 Reload Low
RH1
F5h
Timer/Counter 1 Reload High
WDTRSTA6h
WatchDog Timer Reset
WDTPRG
A7h
WatchDog Timer ProgramWDTOVF
SWRSTWDTEN
WDIDLE
DISRTO
WTO2WTO1WTO0
T2CON
C8hTimer/Counter 2 control
TF2
EXF2
RCLK
TCLK
EXEN2
TR2
C/T2
CP/RL2
T2MOD
C9h
Timer/Counter 2 Mode
––––––
T2OE
DCEN
RCAP2H
CBh
Timer/Counter 2 Reload/Capture
High Byte
RCAP2L
CAh
Timer/Counter 2 Reload/Capture
Low Byte
TH2
CDh
Timer/Counter 2 High Byte
TL2
CCh
Timer/Counter 2 Low Byte
Table 4-9.
SPI Controller SFRs
Mnemonic
Add
Name
765432
10
SPCON
C3h
SPI Control
SPR2
SPEN
SSDIS
MSTR
CPOL
CPHA
SPR1
SPR0
SPSTA
C4h
SPI Status
SPIF
WCOL
SSERR
MODF
TXE
DORD
REMAP
TBIE
SPDAT
C5h
SPI DataSPD7
SPD6
SPD5
SPD4
SPD3
SPD2
SPD1
SPD0
Table 4-10.
TWI Controller SFRs
Mnemonic
Add
Name
765432
10
SSCON
93h
Synchronous Serial Control
SSCR2
SSPE
SSSTA
SSSTO
SSI
SSAA
SSCR1
SSCR0
SSCS
94h
Synchronous Serial Status
SSC4
SSC3
SSC2
SSC1
SSC0
0
0
0
SSDAT
95h
Synchronous Serial Data
SSADR
96h
Synchronous Serial Address
SSA7
SSA6
SSA5
SSA4
SSA3
SSA2
SSA1
SSGC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com