Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AT89LP51RC2 Datasheet(PDF) 74 Page - ATMEL Corporation

Part # AT89LP51RC2
Description  8-bit Microcontroller Compatible with 8051 Products
PDF  254 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT89LP51RC2 Datasheet(HTML) 74 Page - ATMEL Corporation

Back Button AT89LP51RC2 Datasheet HTML 70Page - ATMEL Corporation AT89LP51RC2 Datasheet HTML 71Page - ATMEL Corporation AT89LP51RC2 Datasheet HTML 72Page - ATMEL Corporation AT89LP51RC2 Datasheet HTML 73Page - ATMEL Corporation AT89LP51RC2 Datasheet HTML 74Page - ATMEL Corporation AT89LP51RC2 Datasheet HTML 75Page - ATMEL Corporation AT89LP51RC2 Datasheet HTML 76Page - ATMEL Corporation AT89LP51RC2 Datasheet HTML 77Page - ATMEL Corporation AT89LP51RC2 Datasheet HTML 78Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 74 / 254 page
background image
74
3722A–MICRO–10/11
AT89LP51RB2/RC2/IC2 Preliminary
Table 12-6.
Pin Function Configurations for Port x Pin y
PxM0.y
PxM1.y
Px.y
I/O Mode
0
0
1
bidirectional (internal pull-up)
01
1
output
10
X
input
1
1
1
bidirectional (external pull-up)
Table 12-7.
Port Pin Alternate Functions
Port Pin
Configuration Bits
Alternate
Function
Notes
PxM0.y
PxM1.y
P0.0
P0M0.0
P0M1.0
AD0
Automatic configuration
ADC0
input-only
P0.1
P0M0.1
P0M1.1
AD1
Automatic configuration
ADC1
input-only
P0.2
P0M0.2
P0M1.2
AD2
Automatic configuration
ADC2
input-only
P0.3
P0M0.3
P0M1.3
AD3
Automatic configuration
ADC3
input-only
P0.4
P0M0.4
P0M1.4
AD4
Automatic configuration
ADC4
input-only
P0.5
P0M0.5
P0M1.5
AD5
Automatic configuration
ADC5
input-only
P0.6
P0M0.6
P0M1.6
AD6
Automatic configuration
ADC6
input-only
P0.7
P0M0.7
P0M1.7
AD7
Automatic configuration
ADC7
input-only
P1.0
P1M0.0
P1M1.0
T2
OSCB must be disabled or in
internal oscillator mode
(AT89LP51IC2)
GPI0
XTAL1B
P1.1
P1M0.1
P1M1.1
T2EX
SS
REMAP = 0
GPI1
P1.2
P1M0.2
P1M1.2
ECI
GPI2
P1.3
P1M0.3
P1M1.3
CEX0
GPI3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com