Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AT89LP51RC2 Datasheet(PDF) 12 Page - ATMEL Corporation

Part # AT89LP51RC2
Description  8-bit Microcontroller Compatible with 8051 Products
PDF  254 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT89LP51RC2 Datasheet(HTML) 12 Page - ATMEL Corporation

Back Button AT89LP51RC2 Datasheet HTML 8Page - ATMEL Corporation AT89LP51RC2 Datasheet HTML 9Page - ATMEL Corporation AT89LP51RC2 Datasheet HTML 10Page - ATMEL Corporation AT89LP51RC2 Datasheet HTML 11Page - ATMEL Corporation AT89LP51RC2 Datasheet HTML 12Page - ATMEL Corporation AT89LP51RC2 Datasheet HTML 13Page - ATMEL Corporation AT89LP51RC2 Datasheet HTML 14Page - ATMEL Corporation AT89LP51RC2 Datasheet HTML 15Page - ATMEL Corporation AT89LP51RC2 Datasheet HTML 16Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 254 page
background image
12
3722A–MICRO–10/11
AT89LP51RB2/RC2/IC2 Preliminary
2.3.9
Security
The AT89LP51RB2/RC2/IC2 does not support the external access pin (EA). Therefore it is not
possible to execute from external program memory in address range 0000H–1FFFH. When the
third Lockbit is enabled (Lock Mode 4) external program execution is disabled for all addresses
above 1FFFH. This differs from AT89C51RB2/RC2/IC2 where Lock Mode 4 prevents EA from
being sampled low, but may still allow external execution at addresses outside the 8K internal
space.
2.3.10
Programming
The AT89LP51RB2/RC2/IC2 supports a richer command set for In-System Programming (ISP).
Existing AT 8 9C5 1 RB2/RC2 / I C 2 pr ogr a mme rs sho u ld be a ble t o progr a m the
AT89LP51RB2/RC2/IC2 in byte mode. In page mode the AT89LP51RB2/RC2/IC2 only supports
programming of a half-page of 64 bytes and therefore requires an extra address byte as com-
pared to AT89C51RB2/RC2/IC2. Furthermore the device signature is located at addresses
0000H, 0001H and 0003H instead of 0000H, 0100H and 0200H.
Table 2-3.
Compatibility Mode versus Fast Mode Summary
Feature
Compatibility
Fast
Instruction Fetch in System Clocks
3
1
Instruction Execution Time in System Clocks
6, 12, 18 or 24
1, 2, 3, 4 or 5
Default System Clock Divisor
2
1
Default Timer Prescaler Divisor
6
1
Pin Sampling Rate (INT0, INT1, T0, T1, T2, T2EX)
Prescaler Rate
System Clock
Minimum RST input pulse in System Clocks
12
2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com