Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AN1317 Datasheet(PDF) 7 Page - STMicroelectronics

Part # AN1317
Description  NON ISOLATED POWER SUPPLIES IN BUCK AND INVERTER CONFIGURATION USING VIPer20 DEVICE
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN1317 Datasheet(HTML) 7 Page - STMicroelectronics

Back Button AN1317 Datasheet HTML 3Page - STMicroelectronics AN1317 Datasheet HTML 4Page - STMicroelectronics AN1317 Datasheet HTML 5Page - STMicroelectronics AN1317 Datasheet HTML 6Page - STMicroelectronics AN1317 Datasheet HTML 7Page - STMicroelectronics AN1317 Datasheet HTML 8Page - STMicroelectronics AN1317 Datasheet HTML 9Page - STMicroelectronics AN1317 Datasheet HTML 10Page - STMicroelectronics AN1317 Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 23 page
background image
7/23
AN1317 - APPLICATION NOTE
low switching frequency and always in discontinuous mode.
As an example, to get a 13V output voltage with a 265 Vrms input voltage, the maximum duty cycle
would be less than 5%. With a switching frequency of 100 kHz, the maximum conduction
time would always be equal or lower than TONmin, leading to a permanent burst mode operation. In
practice the switching frequency is chosen just above the audio ones, in the 20 kHz to 30 kHz range and
the VIPer20 will work in discontinuous mode with a duty cycle of about 2% to 3% at high line and about
6% to 10% at low line.
From the VIPer20 datasheet, the switching frequency is given here below:
On the schematic of fig. 1 and fig. 5, R1=10k
Ω and C3=10nF have been chosen to get a switching
frequency near by 20 kHz (21.7 kHz typical).
3.2 Inductor
In normal operation, for both topologies, the switching cycle consists of two phases. First, the Power
MOSFET is switched on during ton, D3 is blocked, the inductor connected to the high voltage source
stores the energy. Second, the Power MOSFET is switched off during tdis, the inductor restores its
energy to the load through D3, and to the VDD pin through D2. As described in section 2, the load is
supplied during ton and tdis with the Buck topology, and only during tdis with the inverter one. A typical
switching cycle is shown on fig. 6.
Knowing the output power, the switching frequency and the maximum VIPer20 peak current, L1 can be
computed as follow:
for the Buck:
with
and
d
V
ou t
V
in
-----------
=
F
s
2.3
R
1
C
3
⋅
-----------------
1
550
R
1
150
–
---------------------
–


⋅
=
P
out
1
2
---L
1
I2p Fs
1
2
---I
p
V
out
dI
DD
V
⋅
out
–
⋅⋅
+
⋅⋅
=
dt
on
F
s
⋅
=
t
on Vin
V
out
–
()
L
1
I
p
⋅
=
P
ou t
1
2
---L
1
I2p Fs
1
V
out
V
in
V
out
–
-------------------------
+


I
DD
V
⋅
ou t
–
⋅⋅
⋅
=
L
1
2
P
out
I
DD
V
⋅
out
+
I2p Fs
1
V
out
V
in
V
out
–
-------------------------
+


⋅⋅
--------------------------------------------------------------
⋅
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com