Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AN1317 Datasheet(PDF) 4 Page - STMicroelectronics

Part # AN1317
Description  NON ISOLATED POWER SUPPLIES IN BUCK AND INVERTER CONFIGURATION USING VIPer20 DEVICE
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN1317 Datasheet(HTML) 4 Page - STMicroelectronics

  AN1317 Datasheet HTML 1Page - STMicroelectronics AN1317 Datasheet HTML 2Page - STMicroelectronics AN1317 Datasheet HTML 3Page - STMicroelectronics AN1317 Datasheet HTML 4Page - STMicroelectronics AN1317 Datasheet HTML 5Page - STMicroelectronics AN1317 Datasheet HTML 6Page - STMicroelectronics AN1317 Datasheet HTML 7Page - STMicroelectronics AN1317 Datasheet HTML 8Page - STMicroelectronics AN1317 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 23 page
background image
4/23
AN1317 - APPLICATION NOTE
Figure 3: Switching cycle in continuous mode in low input voltage condition
The average currents consumed by the VIPer20 IDD and the output current Iout can be expressed as:
and
By using these two equations:
Finally, by introducing the duty cycle expression in continuous mode:
The minimum output current mandatory to keep the output voltage under control is given by:
To prevent these disturbances resulting in possible output overvoltage or incorrect start up, a 15V zener
diode DZ1 is added. It allows a current to flow at the output, insuring a correct start up and clamps any
possible overvoltage. Nevertheless, as shown in the above last formula, the current flowing in this zener
can be very high when the input voltage approaches the output one. Section 5 describes a schematic
modification to overcome this issue.
Fig. 4 presents the operation of the free wheeling diode in this condition: Actually it is always blocked, as
the voltage on the cathode never becomes negative. Also on this figure, it can be observed that the
voltage drop Vd across D3 is about 5V while the output voltage is at 15V. It means that VDD is about 10V
I
DD
1
2T
s
⋅
-------------
I
P
I
0
+
() T
S
t
on
–
()
⋅⋅
=
I
out
1
2T
s
⋅
-------------
I
p
I
0
+
() t
on
⋅⋅
=
I
out
t
on
I
DD
T
s
t
on
–
------------------
⋅
=
d
t
on
T
s
------
V
in
V
ou t
-----------
==
I
ou t
I
DD
V
out
V
in
V
out
–
-------------------------
⋅
=
IP
Charge
Discharge
I0
tON
Ts - ton
t
IDRAIN
P
P
Ts



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com