Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AN1317 Datasheet(PDF) 2 Page - STMicroelectronics

Part # AN1317
Description  NON ISOLATED POWER SUPPLIES IN BUCK AND INVERTER CONFIGURATION USING VIPer20 DEVICE
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN1317 Datasheet(HTML) 2 Page - STMicroelectronics

  AN1317 Datasheet HTML 1Page - STMicroelectronics AN1317 Datasheet HTML 2Page - STMicroelectronics AN1317 Datasheet HTML 3Page - STMicroelectronics AN1317 Datasheet HTML 4Page - STMicroelectronics AN1317 Datasheet HTML 5Page - STMicroelectronics AN1317 Datasheet HTML 6Page - STMicroelectronics AN1317 Datasheet HTML 7Page - STMicroelectronics AN1317 Datasheet HTML 8Page - STMicroelectronics AN1317 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 23 page
background image
2/23
AN1317 - APPLICATION NOTE
switching frequency will be comprised between 20 kHz and 30 kHz, just above audible values.
During the start up phase, the VIPer20 is in standby mode and its on chip high voltage current source
sources a current on the VDD pin until the voltage across the capacitor C2 reaches the VDDon threshold.
Then, this current source is turned off and the device starts switching. After a transition phase during
which the output voltage grows up, the VDD supply of the VIPer20 is provided by the capacitor C2 and
finally, from the positive output through the diode D2 when the output voltage becomes higher than the
current VDD value.
Figure 1: 2W typical single output not isolated power supply with Buck topology
In normal operation, the output voltage regulation is achieved by the VIPer20 error amplifier which
accurately compares the VDD value to the internal 13V voltage reference. The forward voltage across the
diode D2 is here partially compensated by the forward voltage across the diode D3. So, the output
voltage and the on chip voltage reference values are equal, except for diode forward voltage differences
due to different diodes current: It is generally higher in the free wheeling diode D3, resulting in a slightly
lower output voltage.
A typical characteristic of the Buck is that the inductor charge and discharge paths are exclusively done
through the output load. It is a slight advantage in normal operation because the energy is transferred to
the load during both turn on and turn off cycles, but in very low or no load conditions, it has two
drawbacks:
• The charge of the start up tank capacitor C2 is impossible, especially when the input voltage is slowly
13V
OSC
COMP
SOURCE
DRAIN
VDD
-
+
VIPer20
R2
3.9k
C4
100nF
R1
10k
C3
10nF
D1
1N4007
C2
22uF
400V
L1
470uH
D3
BYT01-400V
C5
33uF
16V
D2
BYT01-400V
C1
10uF
16V
DZ1
BZX55C15V
AC IN
AC IN
+13V
GND OUT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com