Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AN1317 Datasheet(PDF) 3 Page - STMicroelectronics

Part # AN1317
Description  NON ISOLATED POWER SUPPLIES IN BUCK AND INVERTER CONFIGURATION USING VIPer20 DEVICE
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN1317 Datasheet(HTML) 3 Page - STMicroelectronics

  AN1317 Datasheet HTML 1Page - STMicroelectronics AN1317 Datasheet HTML 2Page - STMicroelectronics AN1317 Datasheet HTML 3Page - STMicroelectronics AN1317 Datasheet HTML 4Page - STMicroelectronics AN1317 Datasheet HTML 5Page - STMicroelectronics AN1317 Datasheet HTML 6Page - STMicroelectronics AN1317 Datasheet HTML 7Page - STMicroelectronics AN1317 Datasheet HTML 8Page - STMicroelectronics AN1317 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 23 page
background image
3/23
AN1317 - APPLICATION NOTE
increased. If no protection is foreseen, it is possible to apply the input voltage directly on the output,
with large overvoltages.
• Once started, overvoltages may also occur at the output, mainly for low input voltage values.
The root cause of the last phenomenon resides in the duty cycle increase at low input voltage, together
with a low output load. Fig. 2 shows the drain current shape for two input voltages. The lower is the input
voltage, and the higher is the turn on. As a consequence, the turn off phase during which the energy is
sent to C2 through D2 is reduced, and the device is increasing its drain current to maintain a correct
regulated voltage on the VDD pin at 13 V. If the load is not able to absorb the corresponding current
during the on phase, overvoltage is resulting on the output.
Figure 2: Drain current for two input voltages in low load conditions
Fig. 3 shows an extreme case where the phenomenon reaches its critical phase, with a continuous mode
of operation. The following computation demonstrates the risk of overvoltage and/or overcurrent on the
output.
Vin = 200V
Iout = 5mA
Vin = 50V
Iout = 5mA
50mA/Div - 10µs/Div



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com