Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AN1317 Datasheet(PDF) 9 Page - STMicroelectronics

Part # AN1317
Description  NON ISOLATED POWER SUPPLIES IN BUCK AND INVERTER CONFIGURATION USING VIPer20 DEVICE
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN1317 Datasheet(HTML) 9 Page - STMicroelectronics

Back Button AN1317 Datasheet HTML 5Page - STMicroelectronics AN1317 Datasheet HTML 6Page - STMicroelectronics AN1317 Datasheet HTML 7Page - STMicroelectronics AN1317 Datasheet HTML 8Page - STMicroelectronics AN1317 Datasheet HTML 9Page - STMicroelectronics AN1317 Datasheet HTML 10Page - STMicroelectronics AN1317 Datasheet HTML 11Page - STMicroelectronics AN1317 Datasheet HTML 12Page - STMicroelectronics AN1317 Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 23 page
background image
9/23
AN1317 - APPLICATION NOTE
3.3 Output Capacitor
The output capacitor C5 is an element linked with the desired output ripple amplitude
∆V
out, which
depends on the output voltage and on the application to supply.
The worst case occurs for the maximum load, when the VIPer20 delivers its maximum peak current
during the longer conduction time. The charge of the capacitor C5 is:
With the hypothesis that the VIPer20 is at the limit of the continuous mode, which is a worst case making
easier the calculation of the current in the capacitor:
Example with
∆V
out=100 mVpp, Fs=20 kHz, Ip=IDpeak=0.5 A min, C5l 31 µF
The maximum peak current flowing through this capacitor is
during the charge and
during the
discharge. To avoid an excessive power dissipation in the capacitor and a high output ripple, the ESR of
the output capacitor must be low. Table 1 gives a picture of the ESR impact, with
=0.7A typical.
Table 1: Output ripple versus capacitor technology
The above example illustrates that the computed capacitor value has to be tuned according to the
application needs, the capacitor technology and its associated cost.
3.4 VIPer20 Supply Circuit
For both topologies, fig. 7 shows the three different mode:
• The start up phase: The on chip high voltage current source is turned on. It sources a current out of the
VDD pin in order to charge the tank capacitor C2 until the VDDon threshold is reached. This capacitor
then supplies the VIPer20 during the following phase.
Capacitor Type
Capacitor Value
ESR at 100KHz
IR at 100KHz
Output Ripple
VR = Ip • ESR
Standard Electrolytic
33
µF / 16V
7
Ω
90 mA
4.9 V
Electrolytic Solid Al
33
µF / 16V
700 m
Ω
1460 mA
490 mV
Electrolytic OS-CON
33
µF / 16V
50 m
Ω
1580 mA
35 mV
Electrolytic Low Z
270
µF / 16V
120 m
Ω
630 mA
84 mV
Q
5
it
d
⋅
C
5
∆V
out
⋅
()
=
∫
=
i
∫ dt
⋅
1
2
---
T
s
2
-----
I
p
2
----
⋅


1
8
---T
s
I
p
⋅
==
C
5
1
8
---
T
s
I
⋅
p
∆V
out
-----------------
=
I
p
2
-----
I
p
2
-----
–
I
p



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com