Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AN1317 Datasheet(PDF) 5 Page - STMicroelectronics

Part # AN1317
Description  NON ISOLATED POWER SUPPLIES IN BUCK AND INVERTER CONFIGURATION USING VIPer20 DEVICE
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN1317 Datasheet(HTML) 5 Page - STMicroelectronics

  AN1317 Datasheet HTML 1Page - STMicroelectronics AN1317 Datasheet HTML 2Page - STMicroelectronics AN1317 Datasheet HTML 3Page - STMicroelectronics AN1317 Datasheet HTML 4Page - STMicroelectronics AN1317 Datasheet HTML 5Page - STMicroelectronics AN1317 Datasheet HTML 6Page - STMicroelectronics AN1317 Datasheet HTML 7Page - STMicroelectronics AN1317 Datasheet HTML 8Page - STMicroelectronics AN1317 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 23 page
background image
5/23
AN1317 - APPLICATION NOTE
because the input voltage is too low to insure a proper operation of the converter, which is about to shut
down.
Figure 4: Buck non isolated - VIPer20 source voltage with VIN = 47 V, IOUT=5 mA. DZ1 conducting
2.2 VIPer20 In Inverter Topology
The inverter schematic is derived from the Buck one of fig. 1 by just swapping the inductor L1 and the
free wheeling diode D3. The resulting schematic is given fig. 5. There is a major difference with the Buck
from a functional point of view : when the on chip Power MOSFET is turned on, the inductor L1 does not
charge anymore through the load but between the mains lines. The output load now gets all its energy
during the MOSFET off state, through the inductor L1 and the free wheeling diode D3.
As a consequence, the zener diode DZ1 is no more necessary because of two reasons:
• The charge of the tank capacitor C2, now independent from the load, is always possible.
• Both VIPer20 supply (VDD pin) and output load are receiving energy form the inductor L1 at the same
period of time. So, there is no possible difference between the VDD voltage and the output one, which is
always under control.
Compared to the Buck, the current flowing through the load is in the opposite direction so that the output
voltage becomes now negative. As a consequence, the output capacitor C5 polarity must be swapped
and the anode of the diode D2, supplying the VIPer20, must now be connected to the ground lead GND
OUT to insure a correct positive supply to the VDD pin.
Vd



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com