Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AN3027 Datasheet(PDF) 10 Page - STMicroelectronics

Part # AN3027
Description  How to design a transition-mode PFC pre-regulator
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3027 Datasheet(HTML) 10 Page - STMicroelectronics

Back Button AN3027 Datasheet HTML 6Page - STMicroelectronics AN3027 Datasheet HTML 7Page - STMicroelectronics AN3027 Datasheet HTML 8Page - STMicroelectronics AN3027 Datasheet HTML 9Page - STMicroelectronics AN3027 Datasheet HTML 10Page - STMicroelectronics AN3027 Datasheet HTML 11Page - STMicroelectronics AN3027 Datasheet HTML 12Page - STMicroelectronics AN3027 Datasheet HTML 13Page - STMicroelectronics AN3027 Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 41 page
background image
Designing a TM PFC
AN3027
10/41
Doc ID 16134 Rev 4
●
RMS switch current:
Equation 7
●
RMS diode current:
Equation 8
3.3
Power section design
3.3.1
Bridge rectifier
The input rectifier bridge can use standard slow recovery, low-cost devices. Typically a
600 V device is selected in order to have good margin against mains surges. An NTC
resistor limiting the current at turn-on is required to avoid excessive stress to the diode
bridge.
The rectifier bridge power dissipation can be calculated using
Equation 9, Equation 10,
Equation 11. The threshold voltage and dynamic resistance of a single diode of the bridge
can be found in the datasheet of the device.
Equation 9
Equation 10
The power dissipated on the bridge GBU4J is:
Equation 11
out
min
pk
rms
V
VAC
9
2
4
6
1
IL
ISW
⋅
π
⋅
−
⋅
=
A
18
.
1
V
400
Vac
90
9
2
4
6
1
A
38
.
3
ISWrms
=
⋅
π
⋅
−
⋅
=
out
min
pk
rms
V
VAC
9
2
4
IL
ID
⋅
π
⋅
⋅
=
A
72
.
0
V
400
Vac
90
9
2
4
A
38
.
3
IDrms
=
⋅
π
⋅
⋅
=
A
84
.
0
2
A
19
.
1
2
2
I
2
I
in
inrms
=
⋅
=
⋅
=
A
54
.
0
A
19
.
1
2
I
2
I
in
avg
_
in
=
π
⋅
=
π
⋅
=
avg
_
in
th
inrms
2
diode
bridge
I
V
4
I
R
4
P
⋅
⋅
+
⋅
⋅
=
W
62
.
1
A
54
.
0
V
7
.
0
4
)
A
84
.
0
(
04
.
0
4
P
2
bridge
=
⋅
⋅
+
⋅
Ω
⋅
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com