Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AN3027 Datasheet(PDF) 33 Page - STMicroelectronics

Part # AN3027
Description  How to design a transition-mode PFC pre-regulator
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3027 Datasheet(HTML) 33 Page - STMicroelectronics

Back Button AN3027 Datasheet HTML 29Page - STMicroelectronics AN3027 Datasheet HTML 30Page - STMicroelectronics AN3027 Datasheet HTML 31Page - STMicroelectronics AN3027 Datasheet HTML 32Page - STMicroelectronics AN3027 Datasheet HTML 33Page - STMicroelectronics AN3027 Datasheet HTML 34Page - STMicroelectronics AN3027 Datasheet HTML 35Page - STMicroelectronics AN3027 Datasheet HTML 36Page - STMicroelectronics AN3027 Datasheet HTML 37Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 41 page
background image
AN3027
L6563H: high-voltage startup transition-mode PFC
Doc ID 16134 Rev 4
33/41
Figure 21.
High-voltage startup behavior during latch-off protection
As a result, shown in
Figure 21, the voltage at pin Vcc oscillates between its turn-on and
turn-off thresholds until the HV bus is recycled and drops below the startup threshold of the
HV generator. The high-voltage startup circuitry is capable of guaranteeing safe behavior if
a short-circuit is present on the DC-DC output when Vcc of both controllers is generated by
the same auxiliary winding.
Figure 22.
High-voltage startup, managing the DC-DC output short-circuit
Figure 22 shows how the PFC manages Vcc cycling and the associated power transfer.
At short-circuit the auxiliary circuit is no longer able to sustain Vcc which starts dropping.
Reaching its VccOFF threshold, the IC stops switching, reduces consumption and drops
more until the Vccrestart threshold is tripped. The high-voltage startup generator restarts and
when Vcc crosses again its turn-on threshold, the IC starts switching. In this manner the
power is transferred from the mains to the PFC output only during a short time for each trip
cycle.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com