Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AN3027 Datasheet(PDF) 5 Page - STMicroelectronics

Part # AN3027
Description  How to design a transition-mode PFC pre-regulator
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3027 Datasheet(HTML) 5 Page - STMicroelectronics

  AN3027 Datasheet HTML 1Page - STMicroelectronics AN3027 Datasheet HTML 2Page - STMicroelectronics AN3027 Datasheet HTML 3Page - STMicroelectronics AN3027 Datasheet HTML 4Page - STMicroelectronics AN3027 Datasheet HTML 5Page - STMicroelectronics AN3027 Datasheet HTML 6Page - STMicroelectronics AN3027 Datasheet HTML 7Page - STMicroelectronics AN3027 Datasheet HTML 8Page - STMicroelectronics AN3027 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 41 page
background image
AN3027
TM PFC operation (boost topology)
Doc ID 16134 Rev 4
5/41
2
TM PFC operation (boost topology)
The operation of the PFC transition mode controlled boost converter can be summarized in
the following description.
The AC mains voltage is rectified by a bridge and the rectified voltage is delivered to the
boost converter. This, using a switching technique, boosts the rectified input voltage to a
regulated DC output voltage (Vo).
The boost converter consists of a boost inductor (L), a controlled power switch (Q), a catch
diode (D), an output capacitor (Co) and, obviously, a control circuit (see figure below). The
goal is to shape the input current in a sinusoidal fashion, in phase with the input sinusoidal
voltage. To do this, the L6563S uses the transition mode technique.
Figure 2.
Boost converter circuit
The error amplifier compares a partition of the output voltage of the boost converter with an
internal reference, generating an error signal proportional to the difference between them. If
the bandwidth of the error amplifier is narrow enough (below 20 Hz), the error signal is a DC
value over a given half-cycle.
The error signal is fed into the multiplier block and multiplied by a partition of the rectified
mains voltage. The result is a rectified sinusoid whose peak amplitude depends on the
mains peak voltage and the value of the error signal.
The output of the multiplier is in turn fed into the (+) input of the current comparator, thus it
represents a sinusoidal reference for PWM. In fact, when the voltage on the current sense
pin (instantaneous inductor current multiplied by the sense resistor) equals the value on the
(+) of the current comparator, the conduction of the MOSFET is terminated. As a
consequence, the peak inductor current is enveloped by a rectified sinusoid. As
demonstrated in
Section 3.3.4, TM control causes a constant on-time operation over each
line half-cycle.
After the MOSFET has been turned off, the boost inductor discharges its energy into the
load until its current goes to zero. The boost inductor has now run out of energy, the drain
node is floating and the inductor resonates with the total capacitance of the drain. The drain
voltage drops rapidly below the instantaneous line voltage and the signal on ZCD drives the
MOSFET on again and another conversion cycle starts.
This low voltage across the MOSFET at turn-on reduces both the switching losses and the
total drain capacitance energy that is dissipated inside the MOSFET.
The resulting inductor current and the timing intervals of the MOSFET are shown in
Figure 3, where it is also shown that, by geometric relationships, the average input current



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com