Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AN3027 Datasheet(PDF) 4 Page - STMicroelectronics

Part # AN3027
Description  How to design a transition-mode PFC pre-regulator
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3027 Datasheet(HTML) 4 Page - STMicroelectronics

  AN3027 Datasheet HTML 1Page - STMicroelectronics AN3027 Datasheet HTML 2Page - STMicroelectronics AN3027 Datasheet HTML 3Page - STMicroelectronics AN3027 Datasheet HTML 4Page - STMicroelectronics AN3027 Datasheet HTML 5Page - STMicroelectronics AN3027 Datasheet HTML 6Page - STMicroelectronics AN3027 Datasheet HTML 7Page - STMicroelectronics AN3027 Datasheet HTML 8Page - STMicroelectronics AN3027 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 41 page
background image
Introduction to power factor correction
AN3027
4/41
Doc ID 16134 Rev 4
1
Introduction to power factor correction
The front-end stage of conventional offline converters, typically consisting of a full-wave
rectifier bridge with a capacitor filter, has an unregulated DC bus from the AC mains. The
filter capacitor must be large enough to have a relatively low ripple superimposed on the DC
level. This means that the instantaneous line voltage is below the voltage on the capacitor
most of the time, thus the rectifiers conduct only for a small portion of each line half-cycle.
The current drawn from the mains is a series of narrow pulses whose amplitude is 5-10
times higher than the resulting DC value. Many drawbacks result, such as a much higher
peak and RMS current down from the line, distortion of the AC line voltage, overcurrents in
the neutral line of the three-phase systems and, consequently, a poor utilization of the power
system's energy capability. This can be measured in terms of either total harmonic distortion
(THD), as norms provide for, or power factor (PF), intended as the ratio between the real
power (the one transferred to the output) and the apparent power (RMS line voltage
multiplied by the RMS line current) drawn from the mains, which is more immediate. A
traditional input stage with capacitive filter has a low PF (0.5-0.7) and a high THD (>100%).
By using switching techniques, a power factor corrector (PFC) preregulator, located
between the rectifier bridge and the filter capacitor, allows drawing a quasi-sinusoidal
current from the mains, in phase with the line voltage. The PF becomes very close to 1
(more than 0.99 is possible) and the previously mentioned drawbacks are eliminated.
Theoretically, any switching topology can be used to achieve a high PF but, in practice, the
boost topology has become the most popular thanks to the advantages it offers:
●
Primarily because the circuit requires the fewest external parts (low-cost solution)
●
The boost inductor located between the bridge and the switch causes the input di/dt to
be low, thus minimizing the noise generated at the input and, therefore, the
requirements on the input EMI filter
●
The switch is source-grounded, therefore easy to drive
However, boost topology requires the DC output voltage to be higher than the maximum
expected line peak voltage (400 VDC is a typical value for 230 V or wide-range mains
applications). In addition, there is no insulation between the input and output, thus any line
voltage surge is passed on to the output. Two methods of controlling a PFC pre-regulator
are currently widely used: the fixed-frequency, average current mode PWM (FF PWM) and
the transition mode (TM) PWM (fixed on-time, variable frequency). The first method needs
complex control that requires a sophisticated controller IC (ST's L4981, with the variant of
the frequency modulation offered by the L4981) and a considerable component count. The
second one requires a simpler control (implemented by ST's L6563S), much fewer external
parts and is therefore much more economical. With the first method the boost inductor
works in continuous conduction mode, while TM makes the inductor work on the boundary
between continuous and discontinuous mode, by definition. For a given throughput power,
TM operation involves higher peak currents. This, also consistent with cost considerations,
implies its use in a lower power range (typically up to 250 W), while the former is
recommended for higher power levels. To conclude, FF PWM is not the only alternative
when CCM operation is desired. FF PWM modulates both switch-on and switch-off times
(their sum is constant by definition), and a given converter operates in either CCM or DCM
depending on the input voltage and the load conditions. Exactly the same result can be
achieved if the on-time only is modulated and the off-time is kept constant, in which case,
however, the switching frequency is no longer fixed. This is referred to as “fixed-off-time”
(FOT) control. Peak-current-mode control can still be used. In this application note transition
mode is studied in depth.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com