Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AN3027 Datasheet(PDF) 34 Page - STMicroelectronics

Part # AN3027
Description  How to design a transition-mode PFC pre-regulator
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3027 Datasheet(HTML) 34 Page - STMicroelectronics

Back Button AN3027 Datasheet HTML 30Page - STMicroelectronics AN3027 Datasheet HTML 31Page - STMicroelectronics AN3027 Datasheet HTML 32Page - STMicroelectronics AN3027 Datasheet HTML 33Page - STMicroelectronics AN3027 Datasheet HTML 34Page - STMicroelectronics AN3027 Datasheet HTML 35Page - STMicroelectronics AN3027 Datasheet HTML 36Page - STMicroelectronics AN3027 Datasheet HTML 37Page - STMicroelectronics AN3027 Datasheet HTML 38Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 41 page
background image
Design example using the L6563S-TM PFC Excel spreadsheet
AN3027
34/41
Doc ID 16134 Rev 4
5
Design example using the L6563S-TM PFC Excel
spreadsheet
An Excel spreadsheet has been developed to allow a quick and easy design of a boost PFC
preregulator using the STM L6563S controller or the L6563H version, operating in transition
mode. As shown in
Figure 17 and Figure 18 the package and the pinout are different but
most functionalities are the same and therefore they can be calculated in the same way.
Figure 23 and Figure 24 show the first sheet filled with the input design data used in
Section 3.
Figure 23.
Excel spreadsheet design specification input table
Figure 24.
Other design data
Because in this example the PFC output voltage is required to be stable over the entire input
mains range, the TBO function is not used and the TBO pin is left floating on the board. To
use the spreadsheet to calculate a PFC circuit with stable output voltage, please set in the
specification section Vout1 = Vout2 = Voutx.
The tool is able to generate a complete part list of the PFC schematic represented in
Figure 25 (for L6563S) and Figure 26 (for L6563H) including the power dissipation
calculation of the main components.
∆



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com