Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AN3027 Datasheet(PDF) 3 Page - STMicroelectronics

Part # AN3027
Description  How to design a transition-mode PFC pre-regulator
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3027 Datasheet(HTML) 3 Page - STMicroelectronics

  AN3027 Datasheet HTML 1Page - STMicroelectronics AN3027 Datasheet HTML 2Page - STMicroelectronics AN3027 Datasheet HTML 3Page - STMicroelectronics AN3027 Datasheet HTML 4Page - STMicroelectronics AN3027 Datasheet HTML 5Page - STMicroelectronics AN3027 Datasheet HTML 6Page - STMicroelectronics AN3027 Datasheet HTML 7Page - STMicroelectronics AN3027 Datasheet HTML 8Page - STMicroelectronics AN3027 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 41 page
background image
AN3027
List of figures
Doc ID 16134 Rev 4
3/41
List of figures
Figure 1.
Typical system block diagram. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 1
Figure 2.
Boost converter circuit . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 5
Figure 3.
Inductor current waveform and MOSFET timing. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 6
Figure 4.
Switching frequency, fixing the line voltage . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 13
Figure 5.
θ1 and θ2 dependence on input voltage . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 16
Figure 6.
Capacitive losses . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 16
Figure 7.
Conduction losses and total losses in the STF7NM50N MOSFET for the L6563S TM
PFC. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 17
Figure 8.
L6563S internal schematic . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 18
Figure 9.
Open loop tran. function bode plot . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 21
Figure 10.
Phase function . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 21
Figure 11.
Multiplier characteristics family for VFF = 1 V . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 22
Figure 12.
Multiplier characteristics family for VFF = 3 V . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 22
Figure 13.
Mains detector and discharge resistor allow fast response to sudden line drops not
depending on the external RC . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 24
Figure 14.
Brownout function in L6563S and L6563H . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 25
Figure 15.
Optimum MOSFET turn-on . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 27
Figure 16.
Tracking boost block diagram . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 29
Figure 17.
L6563H - SO16 . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 31
Figure 18.
L6563S - SO14 . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 31
Figure 19.
High-voltage startup generator: internal schematic . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 31
Figure 20.
Timing diagram: normal power-up and power-down sequences . . . . . . . . . . . . . . . . . . . . 32
Figure 21.
High-voltage startup behavior during latch-off protection . . . . . . . . . . . . . . . . . . . . . . . . . . 33
Figure 22.
High-voltage startup, managing the DC-DC output short-circuit. . . . . . . . . . . . . . . . . . . . . 33
Figure 23.
Excel spreadsheet design specification input table . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 34
Figure 24.
Other design data . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 34
Figure 25.
TM PFC using the L6563S Excel spreadsheet schematic . . . . . . . . . . . . . . . . . . . . . . . . . 35
Figure 26.
TM PFC using the L6563H Excel spreadsheet schematic . . . . . . . . . . . . . . . . . . . . . . . . . 35
Figure 27.
Excel spreadsheet BOM - 100 W TM PFC based on L6563S/H . . . . . . . . . . . . . . . . . . . . 36
Figure 28.
Wide-range 100 W demonstration board electrical circuit (EVL6564-100W) . . . . . . . . . . . 37
Figure 29.
Wide-range 100 W demonstration board electrical circuit (EVL6563H-100W) . . . . . . . . . . 38



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com