Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AN588 Datasheet(PDF) 6 Page - STMicroelectronics

Part # AN588
Description  Destined for the protection of data transmission lines
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN588 Datasheet(HTML) 6 Page - STMicroelectronics

Back Button AN588 Datasheet HTML 2Page - STMicroelectronics AN588 Datasheet HTML 3Page - STMicroelectronics AN588 Datasheet HTML 4Page - STMicroelectronics AN588 Datasheet HTML 5Page - STMicroelectronics AN588 Datasheet HTML 6Page - STMicroelectronics AN588 Datasheet HTML 7Page - STMicroelectronics AN588 Datasheet HTML 8Page - STMicroelectronics AN588 Datasheet HTML 9Page - STMicroelectronics AN588 Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
AN588 APPLICATION NOTE
6/12
Figure 6. The use of Transil Arrays as Emi Filter
Here is an example of a calculation of attentuation using the following hypothesis:
– L = 80nH (equal to an 8-cm track)
– C = 1100pF (ITA6U1M3 type)
This gives a cut-off frequency of FO = 17 MHz and an attenuation equal to 28dB at 80MHz.
The ITAxx assures a multi-channel protection without disturbing the signal transmissions.
The strong concentration of protection functions included in the ITAxx required the adoption of a new
monolithic technology. This concept, characterized by a high density of lines, generates parasitic capaci-
tances between adjacent channels. The trial testing done by our application laboratory showed that these
"crosstalk" disturbances were not sufficient enough to disrupt the most widely used numeric data trans-
mission lines.
An example of this would be the RS232 connection (VL = ±12V) where experimentation has allowed the
evaluation of the parasitic signals induced on the adjacent lines. This has showed them to be at ±2.5V
max (see Figure 8) for a duration of 0.4µs (see Figure 9).
Parasitic
Inductance
LC FILTER
SO 20
L
C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com